Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 72 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 72 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 68Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 69Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 70Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 71Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 72Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 73Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 74Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 75Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 76Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 214 page
background image
FEDL7204-003-02
ML7204-003
72/214
C-2. Three-way communication
Figure 43 shows an application example of three-way communication performed by transmitting/receiving
PCM data between three ML7204 devices connected on the PCM interface.
Figure 43 Example of Connection for Three-Way Communication via PCM I/F
(Note)
The maximum digital pin output load capacitance (recommended value) is 50pF. When the load connected to
the PCMO pin exceeds the recommended value, insertion of a buffer external to the LSI is recommended.
SYNC
BCLK
PCMI
PCMO
A-TEL1
ML7204
#1
SYNC
BCLK
PCMI
PCMO
A-TEL2
ML7204
#2
SYNC
BCLK
PCMI
PCMO
A-TEL3
ML7204
#3
CLKOUT
XI
CLKOUT
XI
CLKSEL
CLKSEL
CLKSEL
+3.3V
XI
XO
Connect to
crystal unit
<Time slot setting example>
 Output time slot selection register 1 (PCM_OTS1[4:0])
ML7204 #1: 00000b (output time slot “1”)
ML7204 #2: 00001b (output time slot “2”)
ML7204 #3: 00010b (output time slot “3”)
 Input time slot selection register 1 (PCM_ITS1[4:0])
ML7204 #1: 00001b (input time slot “2”)
ML7204 #2: 00000b (input time slot “1”)
ML7204 #3: 00000b (input time slot “1”)
 Input time slot selection register 2 (PCM_ITS2[4:0])
ML7204 #1: 00010b (input time slot “3”)
ML7204 #2: 00010b (input time slot “3”)
ML7204 #3: 00001b (input time slot “2”)
Three-way communication is enabled between A-TEL1, A-TEL2
and A-TEL3 by setting all of the following registers to “1” while
setting the time slots as indicated above.
PCM output time slot 1 enable control register (PCMO1_EN)
PCM input time slot 1 enable control register (PCMI1_EN)
PCM input time slot 2 enable control register (PCMI2_EN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com