Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 103 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 103 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 99Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 100Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 101Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 102Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 103Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 104Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 105Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 106Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 107Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 214 page
background image
FEDL7204-003-02
ML7204-003
103/214
(22) CR21
B7
B6
B5
B4
B3
B2
B1
B0
R/W
CR21
TX_SC
FLAG
TX_BT
FLAG
TXREQ
_DC
TXREQ
_First
TXERR
_CH2
TXERR
_CH1
FR0_
CH2
FR0_
CH1
Change enable
mode
—
—
—
—
—
—
—
—
Initial value
0
0
0
0
0
0
0
0
R/
B7: Transmit side Speech CODEC operating mode notification flag
0: G.729.A
1: G.711 (
-law/A-law)
The operating mode of Speech CODEC on the transmit side can be checked by referencing this bit at
switching of the Speech CODEC coding format on the transmit side. If this bit is “0” when a transmit
request is issued due to the fall of FR0B, it indicates that the transmit data has been encoded in the
G.729.A coding format. If this bit is set to “1” when transmission is requested due to the fall of FR0B, it
indicates that the transmit data has been encoded in the G.711 coding format (
-law/A-law).
See Figures 22 to 25 for Speech CODEC coding format switching control on the transmit side.
B6: Transmit side buffering time operating mode notification flag
0: 10 ms
1: 20 ms
By referencing this bit, the operating mode of the transmit side buffering time can be checked. If this bit
is set to “0” when transmission is requested due to the fall of FR0B, encoded data of 10 ms is buffered.
If this bit is set to “1” when transmission is requested, encoded data of 20 ms is buffered in the transmit
buffer.
B5: 2-channel transmit request notification register
0: Not in cases where 2-channel transmission is being requested
1: 2-channel transmission is being requested
Transmission is requested twice within one frame while 2-channel transmission is being requested
(TXREQ_DC = 1).
Read transmit data of channel 1 in response to CH1 transmit request (FR0_CH1 = 1) and read transmit
data of channel 2 in response to CH2 transmit request (FR0_CH2).
B4: Transmit frame start notification register
Transmission is requested twice within one frame while 2-channel transmission is being requested
(TXREQ_DC = 1). This bit enables the checking of the start timing of each transmit frame.
While 2-channel transmit is being requested (TXREQ_DC = 1), this bit is set to “1” immediately before
CH1 transmit request (FR0_CH1 = 1) and the bit is cleared to “0” immediately before CH2 transmit
request (FR0_CH2 = 1).
See the transmit/receive buffer control method at 2-channel processing in Figures 32 to 35.
B3: CH2 transmit error status register
0: No CH2 transmit error occurred
1: CH2 transmit error occurred
This bit is set to “1” when the CH2 transmit data read processing is not completed within the valid read
period and in other cases, the bit is set to “0”.
B2: CH1 transmit error status register
0: No CH1 transmit error occurred
1: CH1 transmit error occurred
When read processing of CH1 transmit data is not completed within the valid read period, this bit is set to
“1” and in other cases, the bit is set to “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com