Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 104 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 104 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 100Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 101Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 102Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 103Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 104Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 105Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 106Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 107Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 108Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 214 page
background image
FEDL7204-003-02
ML7204-003
104/214
B1: CH2 transmit request notification register
0: No CH2 transmit request generated
1: CH2 transmit request generated
When the transmit buffer storing the CH2 transmit data becomes full, this bit is set to “1” and the bit is set to “0”
at completion of reading of the data from the transmit buffer or the processing time exceeded the specified time.
B0: CH1 transmit request notification register
0: No CH1 transmit request generated
1: CH1 transmit request generated
When the transmit buffer storing CH1 transmit data becomes full, this bit is set to “1” and the bit is set to
“0” at completion of reading of the data from the transmit buffer or the processing time exceeded the
specified time.
In frame mode (FD_SEL = 0), the signal obtained by NORing bit B1 with bit B0 is output to the FR0B pin. (*)
(Note)*
In DMA mode (FD_SEL = 1), the bit B1, bit B0, and FR0B (DMARQ0B) pin statuses do not match.
When the setting of the bits B3-B2 (“0”
 “1” or “1”  “0” ) or bits B1-B0 (“0”  “1”) changes, an INTB
interrupt occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com