Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 105 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 105 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 101Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 102Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 103Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 104Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 105Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 106Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 107Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 108Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 109Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 214 page
background image
FEDL7204-003-02
ML7204-003
105/214
(23) CR22
B7
B6
B5
B4
B3
B2
B1
B0
R/W
CR22
RX_SC
FLAG
RX_BT
FLAG
RXREQ
_DC
RXREQ
_First
RXERR
_CH2
RXERR
_CH1
RXBW
_ERR
FR1
Change enable
mode
—
—
—
—
—
—
—
—
Initial value
0
0
0
0
0
0
0
0
R/
B7: Receive side Speech CODEC operating mode notification flag
0: G.729.A
1: G.711 (
-law/A-law)
The operating mode of Speech CODEC on the receive side can be checked by referencing this bit at
switching of the Speech CODEC coding format on the receive side. If this bit is set to “0” when a
receive request is issued due to the fall of FR1B, it indicates that receive data in the G.729.A coding
format is being requested.
If this bit is set to “1” when a receive request is issued due to the fall of
FR1B, it indicates that receive data in the G.711 coding format (
-law/A-law) is being requested.
See Figures 26 to 29 for Speech CODEC coding format switching control on the receive side.
B6: Receive side buffering time operating mode notification flag
0: 10 ms
1: 20 ms
The buffering time operating mode on the receive side can be checked by referencing this bit. If this bit
is set to “0” when a receive request is issued due the fall of FR1B, it indicates that the receive buffer is
requesting the writing of data of 10 ms. If this bit is set to “1” when a receive request is issued due the
fall of FR1B, it indicates that the receive buffer is requesting the writing of data of 20 ms.
B5: 2-channel receive request notification register
0: Not in cases where 2-channel reception is being requested
1: 2-channel reception is being requested
While 2-channel reception is being requested (RXREQ_DC = 1), a receive request is issued twice within
one frame.
Write receive data of channel 1 or channel 2 for each receive request (FR1 = 1).
B4: Receive frame start notification register
While 2-channel reception is being requested (RXREQ_DC = 1), a receive request is issued twice within
one frame. Use this bit to check if the request is the first receive request.
If this bit is set to “1” when a receive request is generated (FR1 = 1), the request is the first request and if
the bit is set to “0”, the request is the second receive request. See also the transmit/receive buffer control
method at 2-channel processing in Figures 32 to 35.
B3: CH2 receive error status register
0: No CH2 receive error occurred
1: CH2 receive error occurred
This bit is set to “1” when CH2 receive data write processing is not completed within the valid write
period and set to “0” in other cases.
B2: CH1 receive error status register
0: No CH1 receive error occurred
1: CH1 receive error occurred
This bit is set to “1” when CH1 receive data write processing is not completed within the valid write
period and set to “0” in other cases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com