Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 108 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 108 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 104Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 105Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 106Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 107Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 108Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 109Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 110Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 111Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 112Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 214 page
background image
FEDL7204-003-02
ML7204-003
108/214
(24) CR23
B7
B6
B5
B4
B3
B2
B1
B0
R/W
CR23
SC_EN
DC_EN
DEC_
OUTON
ACTCH
_FLAG
G711_
PLCEN
#
#
#
Change enable
mode
I/E
I/E
/E
/E
I/E
—
—
—
Initial value
0
0
0
0
0
0
0
0
R/W
B7: Speech CODEC control register
0: Stops Speech CODEC
The encoder stops and storing data into the transmit buffer is stopped. The decoder stops and outputs
silent data constantly.
1: Activates Speech CODEC
Setting this bit to “1” starts the Speech CODEC operation. Speech CODEC is initialized and starts
operation.
(Note)
When stopping Speech CODEC
When stopping Speech CODEC, be sure to make the following settings in advance:
- Writing 00FFh to CR21 rising edge interrupt mask control (CR21_INTR_MSKCNT)
- Writing 00FFh to CR22 rising edge interrupt mask control (CR22_INTR_MSKCNT)
B6: Speech CODEC 2-channel processing control register
0: Stops Speech CODEC 2-channel processing.
1: Activates Speech CODEC 2-channel processing.
B5: Decoded data output control register
This bit controls the first decoded data output timing after activation of Speech CODEC.
After activation of Speech CODEC, this bit can be set to “1” if the initial receive data has been written
and the tWAIT time has elapsed. When this bit is set to “1”, the following decoded data is output in the
selected Speech CODEC coding format.
 When G.711 (-law/A-law) is selected:
When the PLC function is enabled, silent data is output for about 3.75 ms and decoded data is output
after this bit is set to “1”.
When the PLC function is disabled, decoded data is output after this bit is set to “1”.
 When G.729.A is selected:
Decoded data is output about 15 ms after this bit is set to “1”.
The decoded data output delay time can be increased in steps of 0.125 ms by setting the time in the
internal data memory (DEC_ONTIM) for controlling decoded data output starting offset time.
(Allowable DEC_ONTM setting range: 0.125 ms to 32 ms)
Clear this bit to “0” when stopping Speech CODEC by setting SC_EN to ”0”.
See the diagrams of receive buffer control timing in Figures 18 to 21 for details of the control method.
(Note) The tWAIT delay time of 1 ms or more is required after activation of Speech CODEC.
(Note)
It is also possible to set DEC_OUTON to “1” at the same time as setting SC_EN to “1”. If soing so,
however, set the offset time to a value between 0008h (1 ms) and 0100h (32 ms) in the internal data
memory for controlling decoded output starting offset time (DEC_ONTIM) in advance.
Output of decoded data will start when the writing of the first receive data after the activation of Speech
CODEC is completed and when the above offset time elapses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com