Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 112 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 112 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 108Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 109Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 110Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 111Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 112Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 113Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 114Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 115Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 116Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 214 page
background image
FEDL7204-003-02
ML7204-003
112/214
B1: Echo canceler control register
0: Stops the echo canceler function (The echo canceler is bypassed.)
1: Activates the echo canceler function
(Remarks) The echo canceler internal coefficient is cleared to start the operation.
B0: Reserved bit Change of the initial value is inhibited.
(30) CR29
B7
B6
B5
B4
B3
B2
B1
B0
R/W
CR29
#
DPGEN
_EN
DPGEN
_POL
DPGEN
_PPS
DPGEN
_DATA3
DPGEN
_DATA2
DPGEN
_DATA1
DPGEN
_DATA0
Change enable
mode
—
I/E
I/
I/E
I/E
I/E
I/E
I/E
Initial value
0
0
0
0
0
0
0
0
R/W
B7: Reserved bit Change of the initial value is inhibited.
B6: Dial pulse transmitting control register
0: Stops dial pulse output
1: Activates dial pulse output
B5: Dial pulse output polarity control register
0: Positive logic (Low: Break zone, High: Make zone)
1: Negative logic (Low: Make zone, High: Break zone)
B4: Dial pulse speed control register
0: 10 pps
1: 20 pps
B3-B0: Dial pulse count setting register
Set a dial pulse count to be transmitted.
Upper limit: 10
(Data: Ah)
Lower limit: 1
(Data: 1h)
(Note) Be sure to set the following before activating DPGEN (DPGEN_EN = 1).
 Be sure to set the dial pulse output polarity control register (DPGEN_POL).
By this setting, the output level (initial value) of the dial pulse output pin is set as follows.
When DPGEN_POL = 0 (positive logic) : GPO0[2]/DPO = “0”
When DPGEN_POL = 1 (negative logic) : GPO0[2]/DPO = “1”
 After setting the above, set the secondary function (dial pulse output pin) by setting the primary
function/secondary function selection register (GPFA[2]) of GPIOA[2] to “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com