Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 111 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 111 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 107Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 108Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 109Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 110Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 111Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 112Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 113Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 114Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 115Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 214 page
background image
FEDL7204-003-02
ML7204-003
111/214
(29) CR28
B7
B6
B5
B4
B3
B2
B1
B0
R/W
CR28
FDET
_EN
FGEN
_EN
TIM_EN
TDET1
_EN
TDET0
_EN
DTMF
_EN
EC_EN
#
Change enable
mode
I/E
I/E
I/E
I/E
I/E
I/E
I/E
—
Initial value
0
0
0
0
0
0
0
0
R/W
B7: FSK_DET control register
0: Stops FSK_DET
1: Activates FSK_DET
When this bit is set to “1”, the FSK receiver (FSK_DET) starts operation. For details, see the section of
the FSK Receiver (FSK_DET) in INTERNAL DATA MEMORY ACCESS AND CONTROL METHOD
described later.
B6: FSK_GEN control register
0: Stops FSK_GEN
1: Activates FSK_GEN
When this bit is set to “1”, the FSK generator (FSK_GEN) starts operation. For details, see the section
of the FSK Generator in INTERNAL DATA MEMORY ACCESS AND CONTROL METHOD
described later.
B5: Timer control register
When this bit is set to “1”, the timer starts counting.
When “0” is set, the timer stops counting and the counter value is cleared.
0: Stops counting
1: Starts counting
B4: TONE1 detector control register
0: Stops TONE_DET1
1: Activates TONE_DET1
When this bit is set to “1”, the TONE1 detector starts operation. The TONE1 detector detection status
register (TONE1_DET) is set to “1” while the tone of 2100 Hz* is detected.
(Remarks)
* The detection frequency can be changed. When changing the frequency, contact ROHM's responsible
sales person.
B3: TONE0 detection control register
0: Stops TONE_DET0
1: Activates TONE_DET0
When this bit is set to “1”, the TONE0 detector starts operation. The TONE0 detector detection status
register (TONE0_DET) is set to “1” while the tone of 1650Hz* is detected.
(Remarks)
* The detection frequency can be changed. When changing the frequency, contact ROHM's responsible
sales person.
B2: DTMF detection control register
0: Stops the DTMF detection function
1: Activates the DTMF detection function
When this bit is set to “1”, the DTMF detector starts operation. The DTMF detector detection register
(DTMF_DET) is set to “1” while DTMF signals are detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com