Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 110 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 110 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 106Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 107Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 108Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 109Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 110Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 111Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 112Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 113Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 114Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 214 page
background image
FEDL7204-003-02
ML7204-003
110/214
(27) CR26
B7
B6
B5
B4
B3
B2
B1
B0
R/W
CR26
DPDET_
DATA7
DPDET_
DATA6
DPDET_
DATA5
DPDET_
DATA4
DPDET_
DATA3
DPDET_
DATA2
DPDET_
DATA1
DPDET_
DATA0
Change enable
mode
—
Initial value
0
0
0
0
0
0
0
0
R/
B7-B0: Detected dial pulse count display register
Displays the dial pulse count that was detected.
For details, see the section of the Dial Pulse Detector (DPDET) in INTERNAL DATA MEMORY
ACCESS AND CONTROL METHOD described later.
(Note)
Read the “detected dial pulse count display register (DPDET_DATA [7:0]) when the setting of the dial
pulse detection status register (DP_DET) is changed from “1” to “0”.
(28) CR27
B7
B6
B5
B4
B3
B2
B1
B0
R/W
CR27
FGEN
_D7
FGEN
_D6
FGEN
_D5
FGEN
_D4
FGEN
_D3
FGEN
_D2
FGEN
_D1
FGEN
_D0
Change enable
mode
I/E
Initial value
0
0
0
0
0
0
0
0
R/W
B7-B0: FSK output data setting register
For details, see the section of the FSK Generator (FSK_GEN) in INTERNAL DATA MEMORY
ACCESS AND CONTROL METHOD described later.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com