Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 119 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 119 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 115Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 116Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 117Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 118Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 119Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 120Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 121Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 122Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 123Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 214 page
background image
FEDL7204-003-02
ML7204-003
119/214
(37) CR36
B7
B6
B5
B4
B3
B2
B1
B0
R/W
CR36
#
#
#
PCM_
ITS3[4]
PCM_
ITS3[3]
PCM_
ITS3[2]
PCM_
ITS3[1]
PCM_
ITS3[0]
Change enable
mode
—
—
—
I/E
I/E
I/E
I/E
I/E
Initial value
0
0
0
0
0
0
0
0
R/W
B7-B5: Reserved bits Changing of the initial values is inhibited.
B4-B0: PCM input time slot selection register 3
Set the time slot number for fetching PCM data according to the selection table 11.
To receive PCM data in the selected time slot position, set the PCM input time slot 3 enable control
register (PCMI3_EN) to “1”.
Table 11 PCM Input Time Slot Selection Table 3
B4
B3
B2
B1
B0
Time Slot
B4
B3
B2
B1
B0
Time Slot
0
0
0
0
0
Slot1
1
0
0
0
0
Slot17
0
0
0
0
1
Slot2
1
0
0
0
1
Slot18
0
0
0
1
0
Slot3
1
0
0
1
0
Slot19
0
0
0
1
1
Slot4
1
0
0
1
1
Slot20
0
0
1
0
0
Slot5
1
0
1
0
0
Slot21
0
0
1
0
1
Slot6
1
0
1
0
1
Slot22
0
0
1
1
0
Slot7
1
0
1
1
0
Slot23
0
0
1
1
1
Slot8
1
0
1
1
1
Slot24
0
1
0
0
0
Slot9
1
1
0
0
0
Slot25
0
1
0
0
1
Slot10
1
1
0
0
1
Slot26
0
1
0
1
0
Slot11
1
1
0
1
0
Slot27
0
1
0
1
1
Slot12
1
1
0
1
1
Slot28
0
1
1
0
0
Slot13
1
1
1
0
0
Slot29
0
1
1
0
1
Slot14
1
1
1
0
1
Slot30
0
1
1
1
0
Slot15
1
1
1
1
0
Slot31
0
1
1
1
1
Slot16
1
1
1
1
1
Slot32
(Note)
Make sure that the PCM input time slot selection 3 enable control register (PCMI3_EN) is kept “0” when
the register is set.
(Note)
The number of bits of one time slot changes automatically according to the setting of the PCM coding
format (PCM_SEL[1:0]):
16-bit linear setting
: 16 bits
G.711 (
-law/A-law) setting
: 8 bits
Therefore, the maximum time slot number that can be set is as follows.
16-bit linear setting
: n/2
G.711 (
-law/A-law) setting
: n
[n = (BCLK frequency)
 64 kHz]
Any number exceeding the maximum time slot number cannot be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com