Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 124 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 124 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 120Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 121Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 122Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 123Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 124Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 125Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 126Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 127Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 128Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 214 page
background image
FEDL7204-003-02
ML7204-003
124/214
(44) GPCR1
B7
B6
B5
B4
B3
B2
B1
B0
R/W
GPCR1
#
GPDA
[6]
GPDA
[5]
GPDA
[4]
GPDA
[3]
GPDA
[2]
GPDA
[1]
GPDA
[0]
Change enable
mode
I/E
I/E
I/E
I/E
I/E
I/E
I/E
Initial value
0
*
*
*
*
*
*
*
R/W
* Depends on the pin status.
This register (GPDA[6:0]) is used to store input-output data of general-purpose I/O port A[6:0]. (GPIOA[6:0]).
When this register is set to a general-purpose output port and a value is written to an appropriate bit, the written
value is output from the corresponding pin. In this case, when read processing is performed for the bit, the
value in the bit is read.
When this register is set to a general-purpose input port, the status of an appropriate pin can be read by reading
the corresponding bit. Even if write processing is performed for the bit, the pin status remains unchanged
although the register value is updated.
When the port is set to the secondary function in the primary function/secondary function selection register, the
register value is updated when data is written to an appropriate bit, but, the pin status remains unchanged.
When input is set in GPMA[6:0], the pin status is read. When output is set, the bit value is read.
B7: Reserved bits Changing of the initial values is inhibited.
B6: Data register of GPIOA[6]
GPFA[6]
GPMA[6]
At read processing
At write processing
0: Input
Pin status
Pin status remains unchanged
0: GPIOA[6]
1: Output
Value of GPDA[6]
Written value is output from the
appropriate pin
0: Input
Pin status
Pin status remains unchanged
1: INTB
1: Output
Value of GPDA[6]
Pin status remains unchanged
B5: Data register of GPIOA[5]
GPFA[5]
GPMA[5]
At read processing
At write processing
0: Input
Pin status
Pin status remains unchanged
0: GPIOA[5]
1: Output
Value of GPDA[5]
Written value is output from the
appropriate pin
0: Input
Pin status
Pin status remains unchanged
1: ACK1B
1: Output
Value of GPDA[5]
Pin status remains unchanged
B4: Data register of GPIOA[4]
GPFA[4]
GPMA[4]
At read processing
At write processing
0: Input
Pin status
Pin status remains unchanged
0: GPIOA[4]
1: Output
Value of GPDA[4]
Written value is output from the
appropriate pin
0: Input
Pin status
Pin status remains unchanged
1: ACK0B
1: Output
Value of GPDA[4]
Pin status remains unchanged



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com