Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 174 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 174 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 170Page - PMC-Sierra, Inc PM8313 Datasheet HTML 171Page - PMC-Sierra, Inc PM8313 Datasheet HTML 172Page - PMC-Sierra, Inc PM8313 Datasheet HTML 173Page - PMC-Sierra, Inc PM8313 Datasheet HTML 174Page - PMC-Sierra, Inc PM8313 Datasheet HTML 175Page - PMC-Sierra, Inc PM8313 Datasheet HTML 176Page - PMC-Sierra, Inc PM8313 Datasheet HTML 177Page - PMC-Sierra, Inc PM8313 Datasheet HTML 178Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
164
Figure 20
- Microprocessor Write Access Timing
tH
DW
Valid Data
D[7:0]
tV
WR
tSAW
tHAW
tS
DW
(CSB+WRB)
A[8:0]
Valid Address
ALE
tVL
tSALW
tSLW
tHALW
tHLW
Notes on Microprocessor Write Timing:
1. A valid write cycle is defined as a logical OR of the CSB and the WRB
signals.
2. Microprocessor timing applies to normal mode register accesses only.
3. In non-multiplexed address/data bus architectures, ALE should be held high,
parameters tSALW, tHALW, tVL, tHLW and tSLW are not applicable.
4. Parameters tHAW and tSAW are not applicable if address latching is used.
5. Output propagation delay time is the time in nanoseconds from the 1.4 Volt
point of the reference signal to the 1.4 Volt point of the output.
6. When a set-up time is specified between an input and a clock, the set-up time
is the time in nanoseconds from the 1.4 Volt point of the input to the 1.4 Volt
point of the clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com