Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 176 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 176 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 172Page - PMC-Sierra, Inc PM8313 Datasheet HTML 173Page - PMC-Sierra, Inc PM8313 Datasheet HTML 174Page - PMC-Sierra, Inc PM8313 Datasheet HTML 175Page - PMC-Sierra, Inc PM8313 Datasheet HTML 176Page - PMC-Sierra, Inc PM8313 Datasheet HTML 177Page - PMC-Sierra, Inc PM8313 Datasheet HTML 178Page - PMC-Sierra, Inc PM8313 Datasheet HTML 179Page - PMC-Sierra, Inc PM8313 Datasheet HTML 180Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
166
17
D3MX TIMING CHARACTERISTICS
(TA = -40°C to +85°C, VDD = 5 V ±10%)
Table 9
- D3MX Receive DS3 Input (Figure 21)
Symbol
Description
Min
Max
Units
RCLK Frequency (nominally 44.736
MHz )
-20
+20
ppm
RCLK Duty Cycle
40
60
%
tSRPOS
RPOS/RDAT Set-up Time
4
ns
tHRPOS
RPOS/RDAT Hold Time
6
ns
tSRNEG
RNEG/RLCV Set-Up Time
4
ns
tHRNEG
RNEG/RLCV Hold Time
6
ns
Figure 21
- Receive DS3 Input Timing
tS
RPOS
tH
RPOS
RPOS/RDAT
tS
RNEG
tH
RNEG
RNEG/RCLV
RCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com