Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 173 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 173 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 169Page - PMC-Sierra, Inc PM8313 Datasheet HTML 170Page - PMC-Sierra, Inc PM8313 Datasheet HTML 171Page - PMC-Sierra, Inc PM8313 Datasheet HTML 172Page - PMC-Sierra, Inc PM8313 Datasheet HTML 173Page - PMC-Sierra, Inc PM8313 Datasheet HTML 174Page - PMC-Sierra, Inc PM8313 Datasheet HTML 175Page - PMC-Sierra, Inc PM8313 Datasheet HTML 176Page - PMC-Sierra, Inc PM8313 Datasheet HTML 177Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
163
5. When a set-up time is specified between an input and a clock, the set-up time
is the time in nanoseconds from the 1.4 Volt point of the input to the 1.4 Volt
point of the clock.
6. When a hold time is specified between an input and a clock, the hold time is
the time in nanoseconds from the 1.4 Volt point of the clock to the 1.4 Volt
point of the input.
7. In non-multiplexed address/data bus architectures, ALE should be held high,
parameters tSALR, tHALR, tVL, tHLR and tSLR are not applicable.
8. Parameters tHAR and tSAR are not applicable if address latching is used.
Table 8
- Microprocessor Write Access (Figure 20)
Symbol
Parameter
Min
Max
Units
tSAW
Address to Valid Write Set-up Time
25
ns
tSDW
Data to Valid Write Set-up Time
20
ns
tSALW
Address to Latch Set-up Time
20
ns
tHALW
Address to Latch Hold Time
20
ns
tVL
Valid Latch Pulse Width
20
ns
tSLW
Latch to Write Set-up
0
ns
tHLW
Latch to Write Hold
20
ns
tHDW
Data to Valid Write Hold Time
20
ns
tHAW
Address to Valid Write Hold Time
20
ns
tVWR
Valid Write Pulse Width
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com