Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 169 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 169 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 165Page - PMC-Sierra, Inc PM8313 Datasheet HTML 166Page - PMC-Sierra, Inc PM8313 Datasheet HTML 167Page - PMC-Sierra, Inc PM8313 Datasheet HTML 168Page - PMC-Sierra, Inc PM8313 Datasheet HTML 169Page - PMC-Sierra, Inc PM8313 Datasheet HTML 170Page - PMC-Sierra, Inc PM8313 Datasheet HTML 171Page - PMC-Sierra, Inc PM8313 Datasheet HTML 172Page - PMC-Sierra, Inc PM8313 Datasheet HTML 173Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
159
15
D.C. CHARACTERISTICS
(TA = -40°C to +85°C, VDD = 5 V ±10%)
Table 6
- D3MX D.C. Characteristics
Symbol
Parameter
Min
Typ
Max
Units
Conditions
VIL
Input Low Voltage
-0.5
0.8
Volts
Guaranteed Input
LOW Voltage
VIH
Input High
Voltage
2.0
VDD
+0.5
Volts
Guaranteed Input
HIGH Voltage
VOL
Output or
Bidirectional Low
Voltage
0.4
Volts
VDD = min, IOL = 4
mA for Data Bus Pins
and high speed
transmit outputs and
2 mA for all others,
Note 3
VOH
Output or
Bidirectional High
Voltage
2.4
Volts
VDD = min, IOL = 4
mA for Data Bus Pins
and high speed
transmit outputs and
2 mA for all others,
Note 3
VT+
Reset Input High
Voltage
3.5
Volts
VT-
Reset Input Low
Voltage
1.0
Volts
VTH
Reset Input
Hysteresis
Voltage
1.0
Volts
IILPU
Input Low Current
+20
+200
µA
VIL = GND, Notes 1,
3
IIHPU
Input High
Current
-10
+10
µA
VIH = VDD, Notes 1,
3
IIL
Input Low Current
-10
+10
µA
VIL = GND, Notes 2,
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com