Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 165 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 165 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 161Page - PMC-Sierra, Inc PM8313 Datasheet HTML 162Page - PMC-Sierra, Inc PM8313 Datasheet HTML 163Page - PMC-Sierra, Inc PM8313 Datasheet HTML 164Page - PMC-Sierra, Inc PM8313 Datasheet HTML 165Page - PMC-Sierra, Inc PM8313 Datasheet HTML 166Page - PMC-Sierra, Inc PM8313 Datasheet HTML 167Page - PMC-Sierra, Inc PM8313 Datasheet HTML 168Page - PMC-Sierra, Inc PM8313 Datasheet HTML 169Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
155
XFDL must be serviced within 210µs of TDLINT assertion, otherwise an
underrun condition occurs (see Figure 10).
Note that TDLEOMI must be glitch free. If TDLEOMI is not used, it must be held
low, and indication of end of message can be performed through the EOM bit of
the XFDL Configuration Register. This bit may be set by a write to the
configuration register any time after the write of the last data byte, but before 210
µs have elapsed since the TDLINT output (or INT bit in the XFDL Status
Register) was last asserted.
Figure 16
- TDLEOMI Timing - With Removal of TDLEOMI After
Completion of FCS Transmission
WRB &
(A[8:0]='h22)
TDLINT
TDLEOMI
Write last
byte of packet.
Write of 1st byte
of next packet.
< 210 µs
Assertion suppressed
by TDLEOMI
min 216 µs
max 311 µs
850 µs
Last byte +
FCS transmission
> 0 ns
FLAG transmission
In this example, the TDLEOMI is asserted anytime up to 210µs from the TDLINT
rising edge and is deasserted long after the FCS has been completely
transmitted. The TDLINT signal is suppressed by the assertion of TDLEOMI and
remains suppressed until TDLEOMI is deasserted. TDLINT is asserted
immediately, indicating that the XFDL is ready to receive the first byte of a new
packet. Again, while the XFDL is awaiting the first byte of a new packet, an
underrun condition cannot occur. Once the first byte is written, however, the
XFDL must be serviced within 210µs of each TDLINT assertion, otherwise an
underrun condition occurs (see Figure 10).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com