Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 163 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 163 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 159Page - PMC-Sierra, Inc PM8313 Datasheet HTML 160Page - PMC-Sierra, Inc PM8313 Datasheet HTML 161Page - PMC-Sierra, Inc PM8313 Datasheet HTML 162Page - PMC-Sierra, Inc PM8313 Datasheet HTML 163Page - PMC-Sierra, Inc PM8313 Datasheet HTML 164Page - PMC-Sierra, Inc PM8313 Datasheet HTML 165Page - PMC-Sierra, Inc PM8313 Datasheet HTML 166Page - PMC-Sierra, Inc PM8313 Datasheet HTML 167Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
153
Figure 14
- TDLINT Timing - Normal Data Transmission
WRB &
(A[8:0]='h22)
TDLINT
TDLEOMI
Write of a
byte of packet.
min. 216 µs
max. 311 µs
TDLUDR
Write of next
byte has not occurred
<110 µs
Write of a
byte of packet.
min. 216 µs
max. 311 µs
min. 216 µs
max. 311 µs
In this example successive bytes of a packet are written to the XFDL. Each byte
must be written within 110µs from the TDLINT rising edge. Each subsequent
assertion of TDLINT occurs once all 8 bits of the current data byte have been
transmitted. The range in assertion times is due to the temporal spacing of the
datalink bits (3 C-bits of M-subframe 5). If another byte is not written to the data
register within 110µs of each TDLINT assertion, an underrun condition occurs.
The underrun will be indicated on the TDLUDR output and in the UDR status bit
within the XFDL Interrupt Status register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com