Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 159 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 159 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 155Page - PMC-Sierra, Inc PM8313 Datasheet HTML 156Page - PMC-Sierra, Inc PM8313 Datasheet HTML 157Page - PMC-Sierra, Inc PM8313 Datasheet HTML 158Page - PMC-Sierra, Inc PM8313 Datasheet HTML 159Page - PMC-Sierra, Inc PM8313 Datasheet HTML 160Page - PMC-Sierra, Inc PM8313 Datasheet HTML 161Page - PMC-Sierra, Inc PM8313 Datasheet HTML 162Page - PMC-Sierra, Inc PM8313 Datasheet HTML 163Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
149
Figure 10
- XFDL Underrun Sequence
Flag
D1
D2
Flag
D2
TDLINT
D3
D1 D2
D3
TDLUDR
D3
Abort
D1
UDR
D4
D1 D2
D[7:0]
INTE
INTE
INTE
Serial Data
inserted into
Datalink
This diagram shows the relationship between XFDL inputs and outputs in the
case of an underrun error. An underrun error occurs if the XFDL finishes
transmitting the current message byte before the processor writes the next byte
into the Transmit Data Register; that is, the processor fails to write data to the
XFDL in time. In this example, data is not written to the XFDL within five rising
clock edges after TDLINT is asserted at the beginning of the transmission of byte
D3. The TDLUDR interrupt becomes active at this point, and an abort, followed
by a flag, is sent out on the data link. Meanwhile, the processor must clear the
TDLUDR interrupt by setting the UDR bit in the Status Register to logic 0. The
TDLINT interrupt should also be disabled at this time by setting the INTE bit in
the Configuration/Control Register to logic 0. The data frame can then be
restarted as usual, by setting the INTE bit logic to 1. Transmission of the frame
then proceeds normally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com