Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 157 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 157 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 153Page - PMC-Sierra, Inc PM8313 Datasheet HTML 154Page - PMC-Sierra, Inc PM8313 Datasheet HTML 155Page - PMC-Sierra, Inc PM8313 Datasheet HTML 156Page - PMC-Sierra, Inc PM8313 Datasheet HTML 157Page - PMC-Sierra, Inc PM8313 Datasheet HTML 158Page - PMC-Sierra, Inc PM8313 Datasheet HTML 159Page - PMC-Sierra, Inc PM8313 Datasheet HTML 160Page - PMC-Sierra, Inc PM8313 Datasheet HTML 161Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
147
After an abort, the RFDL state machine will be in the receiving all ones state,
and the data link status will be idle. When the first flag is detected, a new
interrupt will be generated, with a dummy data byte loaded into the FIFO buffer,
to indicate that the data link is now active.
Figure 8
- RFDL FIFO Overrun
Serial Data
extracted from
Datalink
RDLINT
RDLEOM
D[7:0]
Flag
D1
D2
D3
Dn
R C1
C2
Flag
D1
B1
B2 B3
D1
STATUSRD
D2
Dn-1
OVR
R Abort
This diagram shows the relationship between RFDL inputs and outputs for the
case where interrupts are programmed to occur when two data bytes are present
in the FIFO buffer. Each read is composed of two register reads, as described
above. In this example, data is not read by the end of B2. An overrun occurs
since unread data (Dn-3) has been overwritten by B1. This sets the RDLEOM
output high, and resets both the RFDL and the FIFO buffer. The RFDL is held
disabled until the Status Register is read. The start flag sequence is not
detected since the RFDL is still held disabled when it occurs. Consequently, the
RFDL will ignore the entire frame including the abort sequence (since it has not
occurred in a valid frame or during flag reception, according to the RFDL).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com