Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 154 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 154 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 150Page - PMC-Sierra, Inc PM8313 Datasheet HTML 151Page - PMC-Sierra, Inc PM8313 Datasheet HTML 152Page - PMC-Sierra, Inc PM8313 Datasheet HTML 153Page - PMC-Sierra, Inc PM8313 Datasheet HTML 154Page - PMC-Sierra, Inc PM8313 Datasheet HTML 155Page - PMC-Sierra, Inc PM8313 Datasheet HTML 156Page - PMC-Sierra, Inc PM8313 Datasheet HTML 157Page - PMC-Sierra, Inc PM8313 Datasheet HTML 158Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
144
The link state is typically a local software variable. The link state is inactive if the
RFDL is receiving all ones or receiving bit-oriented codes which contain a
sequence of eight ones. The link state is active if the RFDL is receiving flags or
data.
If the RFDL data transfer is operating in the polled mode, then processor
operation is exactly as shown above for the interrupt driven mode, except that the
entry to the service routine is from a timer, rather than an interrupt. In the polled
mode, the option of reading the Status Register first should be used to avoid
unnecessary reads of the Data Register.
The RFDL can also be used with a DMA controller to process the frame data. In
this case, the RDLEOM output is connected to the processor interrupt input. The
RDLINT output of the RFDL is connected through a gate to the DMA request
input of the DMA controller. The gate optionally inhibits the DMA request if the
RDLEOM output is high. The DMA controller reads the data bytes from the
RFDL whenever the RDLINT output is asserted. When the current byte read
from the Data Register is the last byte in a frame (due to an end-of-message or
an abort), or an overrun condition occurs, then the RDLEOM output goes high.
The DMA controller is inhibited from reading any more bytes, and the processor
is interrupted. The processor can then halt the DMA controller, read the Status
Register, process the frame, and finally reset the DMA controller to process the
data for the next frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com