Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 152 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 152 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 148Page - PMC-Sierra, Inc PM8313 Datasheet HTML 149Page - PMC-Sierra, Inc PM8313 Datasheet HTML 150Page - PMC-Sierra, Inc PM8313 Datasheet HTML 151Page - PMC-Sierra, Inc PM8313 Datasheet HTML 152Page - PMC-Sierra, Inc PM8313 Datasheet HTML 153Page - PMC-Sierra, Inc PM8313 Datasheet HTML 154Page - PMC-Sierra, Inc PM8313 Datasheet HTML 155Page - PMC-Sierra, Inc PM8313 Datasheet HTML 156Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
142
5. If UDR=1, then clear the Status Register, clear the UDR bit (deassert the
TDLEOMI input and clear EOM, if set) in the XFDL Configuration Register to
logic 0. Restart the current frame.
In the case of interrupt driven data transfer, the TDLINT output of the XFDL is
connected to the interrupt input of the processor, and the interrupt service
routine should process the data exactly as described above for the polled mode.
The XFDL can also be used with a DMA controller to process the frame data. In
this case, the TDLUDR output is connected to the processor interrupt input. The
TDLINT output of the XFDL is connected to the DMA request input of the DMA
controller. The DMA "end" signal from the controller can be connected to the
TDLEOMI input. The DMA controller writes a data byte to the XFDL whenever
the TDLINT output is asserted. Upon writing the last byte of the packet to XFDL,
the DMA asserts the TDLEOMI input. Note that the TDLEOMI input is expected
to be "glitch-free" and, when pulsed high, sets the EOM register bit in the
transmitter configuration register. The EOM register bit is used by the transmitter
to determine the course of action when the current data byte is exhausted. If
there is a problem during transmission and an underrun condition occurs, then
the TDLUDR output goes high and the processor is interrupted. The processor
can then halt the DMA controller, clear the problem condition, reset the frame
data pointers, and restart the DMA controller to resend the data frame.
12.2
Using the Internal Data Link Receiver
On power up of the D3MX, the RFDL should be disabled by setting the EN bit in
the Configuration Register to logic 0. The Interrupt Control/Status Register
should then be initialized to select the FIFO buffer fill level at which an interrupt
will be generated.
After the Interrupt Control/Status Register has been written to, the RFDL can be
enabled at any time by setting the EN bit in the Configuration Register to logic 1.
When the RFDL is enabled, it will assume that the link status is idle (all ones)
and immediately begin searching for flags. When the first flag is found, an
interrupt will be generated (if enabled), and the byte received before the first flag
was detected will be written into the FIFO buffer. Because the FLG and EOMR
bits are passed through the buffer, this dummy write allows the Status Register to
accurately reflect the current state of the data link. A Status Register read after a
Data Register read of the dummy byte will return EOMR as logic 1 and FLG as
logic 1. The first interrupt and data byte read after the RFDL is enabled (or TR bit
set to logic 1) is an indication of the link status, and the data byte should
therefore be discarded. It is up to the controlling processor to keep track of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com