Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 153 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 153 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 149Page - PMC-Sierra, Inc PM8313 Datasheet HTML 150Page - PMC-Sierra, Inc PM8313 Datasheet HTML 151Page - PMC-Sierra, Inc PM8313 Datasheet HTML 152Page - PMC-Sierra, Inc PM8313 Datasheet HTML 153Page - PMC-Sierra, Inc PM8313 Datasheet HTML 154Page - PMC-Sierra, Inc PM8313 Datasheet HTML 155Page - PMC-Sierra, Inc PM8313 Datasheet HTML 156Page - PMC-Sierra, Inc PM8313 Datasheet HTML 157Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
143
link state as idle (all ones or bit-oriented messages active) or active (flags
received).
The RFDL can be used in a polled, interrupt driven, or DMA controlled mode for
the transfer of frame data. In the polled mode, the RDLINT and RDLEOM
outputs of the RFDL are not used, and the processor controlling the RFDL must
periodically read the Status Register to determine when to read the Data
Register. In the interrupt driven mode, the processor controlling the RFDL uses
the RDLINT output to determine when to read the Data Register. In the DMA
controlled mode, the RDLINT output of the RFDL is used as a DMA request input
to the DMA controller, and the RDLEOM output is used as an interrupt to the
processor to allow handling of exceptions and as an indication of when to
process a frame.
In the case of interrupt driven data transfer from the RFDL to the processor, the
RDLINT output of the RFDL is connected to the interrupt input of the processor.
The processor interrupt service routine should process the data in the following
order:
1. Read the RFDL Data Register.
2. Read the RFDL Status Register to check for, in order, underrun, OVR, FLG,
EOMR, and FE.
3. If the FIFO has underrun (i.e. the Status Register returns 00 Hex), then
discard the last data byte and wait for the next interrupt.
4. If OVR=1, then discard the last frame and wait for the next interrupt.
5. If FLG=0 (i.e. an abort has been received) and the link state was active, then
set the link state to inactive, discard the last frame, and wait for the next
interrupt.
6. If FLG=1 and the link state was inactive, then set the link state to active,
discard the last data byte, and wait for the next interrupt.
7. Otherwise, save the last data byte read.
8. If EOMR=1, then check the CRC, NVB and process the frame.
9. If FE=0, then go to step 1, else wait for the next interrupt.
The interrupt service routine can optionally read the Status Register first to check
for an overrun condition, and then for available data, before advancing to step
one above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com