Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 151 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 151 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 147Page - PMC-Sierra, Inc PM8313 Datasheet HTML 148Page - PMC-Sierra, Inc PM8313 Datasheet HTML 149Page - PMC-Sierra, Inc PM8313 Datasheet HTML 150Page - PMC-Sierra, Inc PM8313 Datasheet HTML 151Page - PMC-Sierra, Inc PM8313 Datasheet HTML 152Page - PMC-Sierra, Inc PM8313 Datasheet HTML 153Page - PMC-Sierra, Inc PM8313 Datasheet HTML 154Page - PMC-Sierra, Inc PM8313 Datasheet HTML 155Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
141
12
OPERATION
12.1
Using the Internal Data Link Transmitter
Upon reset of the D3MX, the XFDL should be disabled by setting the EN bit in
the Configuration/Control Register to logic 0. If data is not ready to be
transmitted, the TDLINT output should also be masked by setting the INTE bit to
logic 0.
When a frame (or frames) of data are ready to be transmitted, the Configuration/
Control Register should be initialized for transmission: if the FCS is desired, the
CRC bit should be set to logic 1; if the block is to be used in interrupt driven
mode, interrupts should be enabled by setting the INTE bit to logic 1. Finally, the
XFDL can be enabled by setting the EN bit to logic 1.
The XFDL can be used in a polled, interrupt driven, or DMA-controlled mode for
the transfer of frame data. In the polled mode, the TDLINT and TDLUDR outputs
of the XFDL are not used, and the processor controlling the XFDL must
periodically read the Status Register to determine when to write to the Transmit
Data Register. In the interrupt driven mode, the processor controlling the XFDL
uses the TDLINT output to determine when to write to the Transmit Data
Register. In the DMA controlled mode, the TDLINT output of the XFDL is used
as a DMA request input to the DMA controller, and the TDLUDR output is used
as an interrupt to the processor to allow handling of exceptions.
If the XFDL data transfer is operating in the polled mode, then a timer
periodically starts up a service routine, which should process data as follows:
1. Read the XFDL Status Register and check the UDR and INTR bits.
2. If UDR=1, then clear the Status Register, set the UDR bit in the XFDL
Configuration Register to logic 0, and restart the current frame.
3. If INTR=1, then:
a) If there is still data to send, then write the next data byte to the Transmit
Data Register;
b) f all bytes in the frame have been sent, then set the EOM bit in the XFDL
Configuration Register to logic 1, and set the INTE bit to logic 0. Alternatively,
assert the TDLEOMI input.
4. Read the Status Register and check the UDR bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com