Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 147 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 147 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 143Page - PMC-Sierra, Inc PM8313 Datasheet HTML 144Page - PMC-Sierra, Inc PM8313 Datasheet HTML 145Page - PMC-Sierra, Inc PM8313 Datasheet HTML 146Page - PMC-Sierra, Inc PM8313 Datasheet HTML 147Page - PMC-Sierra, Inc PM8313 Datasheet HTML 148Page - PMC-Sierra, Inc PM8313 Datasheet HTML 149Page - PMC-Sierra, Inc PM8313 Datasheet HTML 150Page - PMC-Sierra, Inc PM8313 Datasheet HTML 151Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
137
DBCTRL bit is used to measure the drive capability of the data bus driver
pads.
IOTST:
The IOTST bit is used to allow normal microprocessor access to the test
registers and control the test mode in each TSB block in the D3MX for board
level testing. When IOTST is a logic 1, all blocks are held in test mode and
the microprocessor may write to a block's test mode 0 registers to manipulate
the outputs of the block and consequently the device outputs (refer to the
"Test Mode 0 Details" in the "Test Features" section).
HIZIO, HIZDATA:
The HIZIO and HIZDATA bits control the tri-state modes of the D3MX . While
the HIZIO bit is a logic 1, all output pins of the D3MX except the data bus are
held in a high-impedance state. The microprocessor interface is still active.
While the HIZDATA bit is a logic 1, the data bus is also held in a high-
impedance state which inhibits microprocessor read cycles.
11.2
Test Mode 0
In test mode 0, the D3MX allows the logic levels on the device inputs to be read
through the microprocessor interface, and allows the device outputs to be forced
to either logic level through the microprocessor interface.
To enable test mode 0, the IOTST bit in the Test Mode Select Register is set to
logic 1 and the following addresses must be written with 00H: 10DH, 111H,
121H, 125H, 129H, 131H, 133H, 135H, 141H, 149H, 151H, 159H, 161H, 169H,
171H, 179H, 181H, 189H, 191H, 199H, 1A1H and 1A9H.
Reading the following address locations returns the values for the indicated
inputs :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com