Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 150 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 150 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 146Page - PMC-Sierra, Inc PM8313 Datasheet HTML 147Page - PMC-Sierra, Inc PM8313 Datasheet HTML 148Page - PMC-Sierra, Inc PM8313 Datasheet HTML 149Page - PMC-Sierra, Inc PM8313 Datasheet HTML 150Page - PMC-Sierra, Inc PM8313 Datasheet HTML 151Page - PMC-Sierra, Inc PM8313 Datasheet HTML 152Page - PMC-Sierra, Inc PM8313 Datasheet HTML 153Page - PMC-Sierra, Inc PM8313 Datasheet HTML 154Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
140
2. This bit only has effect if the TUNI register bit is logic zero.
3. These bits are only presented on the output after being clocked by the TCLK
output. This requires writing a logic 0 then a logic 1 to the TCLK bit .
4. The TCLK output is inverted if the TRISE bit is a logic 0.
5. This bit only has effect if the TEXHDLC register bit is logic 1.
6. This bit only has effect if the TEXHDLC register bit is logic 0. The polarity of
the signal forced on the output pin is determined by the state of the TINTPOL
and TUDRPOL register bits.
7. Writing a logic 1 to any INTB bit asserts the INTB output low.
8. This bit only has effect if the REXHDLC register bit is logic 1.
9. This bit only has effect if the REXHDLC register bit is logic 0. The polarity of
the signal forced on the output pin is determined by the state of the RINTPOL
and REOMPOL register bits.
The state of the configuration registers must be considered. To make board
testing more straight forward, it is recommended that the normal mode registers
be initialized to the following state:
Write register 02H with 00H
(Clears BYP[7:1])
Write register 03H with C0H
(Sets REXHDLC and TEXHDLC)
or with 0FH
(Sets REOMPOL,TUDRPOL,RINTPOL,
TINTPOL).
Write register 04H with 00H
(Clears LINEAIS[1:0], LLBE and DLBE.)
Write register 05H with 08H
(Sets TRISE. Clears TINV, TUNI, RINV,
RFALL.)
Write register 07H with 04H
(Sets IOTST to put device into test mode.)
Write register 34H with 00H
(Clears DS3 FRMR UNI bit.)
If the registers are in a different state than this, adjustments must be made for
inversion of assertion levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com