Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 158 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 158 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 154Page - PMC-Sierra, Inc PM8313 Datasheet HTML 155Page - PMC-Sierra, Inc PM8313 Datasheet HTML 156Page - PMC-Sierra, Inc PM8313 Datasheet HTML 157Page - PMC-Sierra, Inc PM8313 Datasheet HTML 158Page - PMC-Sierra, Inc PM8313 Datasheet HTML 159Page - PMC-Sierra, Inc PM8313 Datasheet HTML 160Page - PMC-Sierra, Inc PM8313 Datasheet HTML 161Page - PMC-Sierra, Inc PM8313 Datasheet HTML 162Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
148
Figure 9
- XFDL Normal Data Sequence
Flag
D1
D2
Dn
CRC1 CRC2
Flag
D1
D1 D2
D3
D4
D2
D3
TDLINT
D[7:0]
INTE
EOM
D1
INTE
INTE
Serial Data
inserted into
Datalink
This diagram shows the relationship between XFDL inputs and outputs for the
case where interrupts and CRC are enabled for regular data transmission. The
process is started by setting the INTE bit in the Configuration/Control Register to
logic 1, thus enabling the TDLINT signal. When TDLINT is asserted, the interrupt
service routine is started, which writes the first byte (D1) of the data frame to the
Transmit Data Register. When this byte begins to be shifted out on the data link,
TDLINT is asserted. This restarts the interrupt service routine, and the next data
byte (D2) is written to the Transmit Data Register. When D2 begins to be shifted
out on the data link, TDLINT is asserted again. This cycle continues until the last
data byte (Dn) of the frame is written to the Transmit Data Register. When Dn
begins to be shifted out on the data link, TDLINT again is asserted. Since all the
data has been sent, the interrupt service routine sets the EOM bit in the
Configuration/Control Register to logic 1 (or alternatively asserts the TDLEOMI
input). The TDLINT interrupt should also be disabled at this time by setting the
INTE bit to logic 0. The XFDL will then shift out the two-byte CRC word and
closing flag, which ends the frame. Whenever new data is ready, the TDLINT
signal can be re-enabled by setting the INTE bit in the Configuration/Control
Register to logic 1, and the cycle starts again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com