Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 164 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 164 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 160Page - PMC-Sierra, Inc PM8313 Datasheet HTML 161Page - PMC-Sierra, Inc PM8313 Datasheet HTML 162Page - PMC-Sierra, Inc PM8313 Datasheet HTML 163Page - PMC-Sierra, Inc PM8313 Datasheet HTML 164Page - PMC-Sierra, Inc PM8313 Datasheet HTML 165Page - PMC-Sierra, Inc PM8313 Datasheet HTML 166Page - PMC-Sierra, Inc PM8313 Datasheet HTML 167Page - PMC-Sierra, Inc PM8313 Datasheet HTML 168Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
154
Figure 15
- TDLEOMI Timing - With Removal of TDLEOMI Before
Completion of FCS Transmission
WRB &
(A[8:0]='h22)
TDLINT
TDLEOMI
Write last
byte of packet.
Write of 1st byte
of next packet.
< 210 µs
Assertion suppressed
by TDLEOMI
< 846 µs
min 216 µs
max 311 µs
850 µs
Last byte +
FCS transmission
FLAG transmission
Assertion of the TDLEOMI input indicates the latest byte written to the XFDL
Transmit Data Register is the last byte of the current packet. Upon assertion of
TDLEOMI, the frame check sequence (FCS), if enabled, is appended to the
packet once the last byte has been transmitted, and flags ("01111110") are
transmitted in subsequent bytes until another byte is written. The TDLEOMI input
accommodates a wide range of timing: the TDLEOMI input may be asserted as
early as coincident with the falling edge of the write strobe for the last byte
written, but must be asserted within 210 µs of the assertion of the TDLINT output
(or INT bit in the XFDL Status Register). This ensures that the TDLEOMI input is
recognized before the next TDLINT assertion. TDLEOMI must be deasserted
before the write of the first byte of the next packet. If TDLEOMI falls too late, the
first byte is also assumed to be the last, and the FCS (if enabled) and flags are
appended immediately after.
In the example of Figure 15, the TDLEOMI is asserted anytime up to 210µs from
the TDLINT rising edge and is deasserted before the FCS has been completely
transmitted. The TDLINT signal is suppressed by the assertion of TDLEOMI and
remains suppressed until the FCS has completed transmission. TDLINT is
asserted coincident with the beginning of FLAG transmission and remains high
until the first byte of a new packet is written into the data register. While TDLINT
is asserted and the XFDL TSB is awaiting the first byte of a new packet, an
underrun condition cannot occur. Once the first byte is written, however, the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com