Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 142 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 142 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 138Page - PMC-Sierra, Inc PM8313 Datasheet HTML 139Page - PMC-Sierra, Inc PM8313 Datasheet HTML 140Page - PMC-Sierra, Inc PM8313 Datasheet HTML 141Page - PMC-Sierra, Inc PM8313 Datasheet HTML 142Page - PMC-Sierra, Inc PM8313 Datasheet HTML 143Page - PMC-Sierra, Inc PM8313 Datasheet HTML 144Page - PMC-Sierra, Inc PM8313 Datasheet HTML 145Page - PMC-Sierra, Inc PM8313 Datasheet HTML 146Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
132
11
TEST FEATURES DESCRIPTION
The D3MX contains test features for both production testing and board testing.
Simultaneously asserting the CSB, RDB and WRB inputs causes all output pins
and the data bus to be held in a high-impedance state. This test feature may be
used for board testing.
Test mode registers are used to apply test vectors during production testing of
the D3MX. Test mode registers (as opposed to normal mode registers) are
selected when TRS (A[8]) is high.
Test mode registers may also be used for board testing. When all of the
constituent Telecom System Blocks within the D3MX are placed in test mode 0,
device inputs may be read and device outputs may be forced via the
microprocessor interface (refer to the section "Test Mode 0" for details).
11.1
Test Mode Register Memory Map
Address
Register
100H-10CH
Reserved
10CH
TRAN Test Register 0
10DH
TRAN Test Register 1
10EH
TRAN Test Register 2
10FH
Reserved
110H
PMON Test Register 0
111H
PMON Test Register 1
112H
PMON Test Register 2
113H - 11FH
Reserved
120H
XFDL Test Register 0
121H
XFDL Test Register 1
122H - 123H
Reserved
124H
RFDL Test Register 0
125H
RFDL Test Register 1
126H-127H
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com