Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 140 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 140 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 136Page - PMC-Sierra, Inc PM8313 Datasheet HTML 137Page - PMC-Sierra, Inc PM8313 Datasheet HTML 138Page - PMC-Sierra, Inc PM8313 Datasheet HTML 139Page - PMC-Sierra, Inc PM8313 Datasheet HTML 140Page - PMC-Sierra, Inc PM8313 Datasheet HTML 141Page - PMC-Sierra, Inc PM8313 Datasheet HTML 142Page - PMC-Sierra, Inc PM8313 Datasheet HTML 143Page - PMC-Sierra, Inc PM8313 Datasheet HTML 144Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
130
Registers 4BH, 5BH, 6BH, 7BH, 8BH, 9BH and ABH: MX12 Loopback
Activate Register
Bit
Type
Function
Default
Bit7
R/W
ILBR[4]
0
Bit6
R/W
ILBR[3]
0
Bit5
R/W
ILBR[2]
0
Bit4
R/W
ILBR[1]
0
Bit3
R/W
LBA[4]
0
Bit2
R/W
LBA[3]
0
Bit1
R/W
LBA[2]
0
Bit0
R/W
LBA[1]
0
LBA[4:1]:
Setting any of the LBA[4:1] bits activates loopback of the corresponding low
speed stream from the high speed input signal to the high speed output
signal. LBA[4] has no effect in G.747 mode, but LBA[3:1] activates the
loopback of the corresponding 2048 kbit/s signal.
The demultiplexed DS1 signals continue to present valid payloads while
loopbacks are activated. The MX12 AIS Insert Register allows insertion of
DS1 AIS if required.
ILBR[4:1]
In DS2 mode, setting any of the ILBR[4:1] bits enables the insertion of a
loopback request in the corresponding DS1 stream in the DS2 output signal.
The format of the loopback request is determined by the LBCODE[1:0] bits in
the Loopback Code Select MX12 Register. In G.747 mode, ILBR[j] inverts bit
Cj1, Cj2 or Cj3 in the G.747 frame in an analogous fashion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com