Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 137 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 137 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 133Page - PMC-Sierra, Inc PM8313 Datasheet HTML 134Page - PMC-Sierra, Inc PM8313 Datasheet HTML 135Page - PMC-Sierra, Inc PM8313 Datasheet HTML 136Page - PMC-Sierra, Inc PM8313 Datasheet HTML 137Page - PMC-Sierra, Inc PM8313 Datasheet HTML 138Page - PMC-Sierra, Inc PM8313 Datasheet HTML 139Page - PMC-Sierra, Inc PM8313 Datasheet HTML 140Page - PMC-Sierra, Inc PM8313 Datasheet HTML 141Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
127
Registers 49H, 59H, 69H, 79H, 89H, 99H and A9H: MX12 Loopback Code
Select Register
Bit
Type
Function
Default
Bit7
Unused
X
Bit6
Unused
X
Bit5
Unused
X
Bit4
Unused
X
Bit3
Unused
X
Bit2
Unused
X
Bit1
R/W
LBCODE[1]
0
Bit0
R/W
LBCODE[0]
0
LBCODE[1:0]:
The LBCODE[1:0] bits select the valid state for a loopback request coded in
the C-bits of the DS2 signals. Transmit and receive are not independent; the
same code is expected in the demultiplexed DS2 as is inserted in the DS2 to
be multiplexed. The following table gives the correspondence between
LBCODE[1:0] bits and the valid codes:
LBCODE[1:0]
Loopback Code
00
C1 = C2 and C1 = C3
01
C1 = C3 and C1 = C2
10
C2 = C3 and C1 = C2
11
C1 = C2 and C1 = C3
If LBCODE[1:0] is 'b00 or 'b11, the loopback code is as per ANSI T1.107
Section 7.2.1.1 and TR-TSY-000009 Section 3.7. Because TR-TSY-000233
Section 5.3.14.1 recommends compatibility with non-compliant existing
equipment, the two other loopback command possibilities are also supported.
The LBCODE[1:0] bits will also select the valid state for a loopback request
coded in the C-bits of the G.747 formatted signal. Again, the transmit and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com