Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 135 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 135 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 131Page - PMC-Sierra, Inc PM8313 Datasheet HTML 132Page - PMC-Sierra, Inc PM8313 Datasheet HTML 133Page - PMC-Sierra, Inc PM8313 Datasheet HTML 134Page - PMC-Sierra, Inc PM8313 Datasheet HTML 135Page - PMC-Sierra, Inc PM8313 Datasheet HTML 136Page - PMC-Sierra, Inc PM8313 Datasheet HTML 137Page - PMC-Sierra, Inc PM8313 Datasheet HTML 138Page - PMC-Sierra, Inc PM8313 Datasheet HTML 139Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
125
Registers 48H, 58H, 68H, 78H, 88H, 98H and A8H: MX12 Configuration and
Control
Bit
Type
Function
Default
Bit7
R/W
G747
0
Bit6
R/W
PINV
0
Bit5
R/W
MINV
0
Bit4
R/W
FINV
0
Bit3
R/W
XAIS
0
Bit2
R/W
XFERF
0
Bit1
R/W
XRES
0
Bit0
R/W
INTE
0
INTE:
When set high, the INTE bit enables the activation of the interrupt output,
INTB, whenever any of the LBRI[4:1] bits are set high in the Loopback
Request Interrupt register. Interrupts are masked when INTE is cleared low.
XRES:
The XRES bit only has effect in G.747 mode. When XRES is set high and
AIS is not being transmitted, the reserved bit (Set II, bit 3) is set to 0;
otherwise, the transmitted reserved bit is set to 1.
XFERF:
When set high, the XFERF bit enables the transmission of the far end receive
failure (FERF) signal in the DS2 output stream when in DS2 mode (i.e. G747
bit low). When XFERF is set high, the transmitted X bit is set to 0, provided
that AIS is not being transmitted; otherwise the transmitted X bit is set to 1.
When in G.747 mode (i.e. G747 bit high), the remote alarm indication (RAI) is
set to 1 when XFERF is set high; otherwise, the transmitted RAI bit is set to 0
unless AIS is being transmitted.
XAIS:
When set high, the XAIS bit enables the transmission of the alarm indication
signal (AIS) in the 6312 kbit/s output stream. When XAIS is set high, the
transmitted data is set to all ones; otherwise the transmitted data is not
affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com