Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 131 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 131 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 127Page - PMC-Sierra, Inc PM8313 Datasheet HTML 128Page - PMC-Sierra, Inc PM8313 Datasheet HTML 129Page - PMC-Sierra, Inc PM8313 Datasheet HTML 130Page - PMC-Sierra, Inc PM8313 Datasheet HTML 131Page - PMC-Sierra, Inc PM8313 Datasheet HTML 132Page - PMC-Sierra, Inc PM8313 Datasheet HTML 133Page - PMC-Sierra, Inc PM8313 Datasheet HTML 134Page - PMC-Sierra, Inc PM8313 Datasheet HTML 135Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
121
Registers 44H, 54H, 64H, 74H, 84H, 94H and A4H: DS2 FRMR Monitor
Interrupt Enable/Status
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
Unused
X
Bit 2
R/W
INTE
0
Bit 1
R
INTR
0
Bit 0
R
OVR
0
INTE:
The interrupt enable (INTE) bit allows the DS2 FRMR to assert the INTB
output upon register transfers. A logic 1 in the INTE bit position enables the
DS2 FRMR to generate a microprocessor interrupt when the counter values
are transferred to the Holding Registers. A logic 0 in the INTE bit position
disables the DS2 FRMR from generating an interrupt. When the TSB is reset,
the INTE bit is set to logic 0, disabling the interrupt. The interrupt is cleared
when this register is read if its assertion was a result a transfer operation.
INTR:
The interrupt (INTR) bit indicates the current status of the internal interrupt
signal. A logic 1 in this bit position indicates that a transfer of counter values
to the Holding Registers has occurred; a logic 0 indicates that no transfer has
occurred. This bit is set to logic 0 when this register is read. The value of the
INTR bit is not affected by the value of the INTE bit.
OVR:
The overrun (OVR) bit indicates the overrun status of the Holding Registers.
A logic 1 in this bit position indicates that a previous interrupt has not been
cleared before the end of the next accumulation interval, and that the
contents of the Holding Registers have been overwritten. A logic 0 indicates
that no overrun has occurred. This bit is reset to logic 0 when this register is
read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com