Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 128 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 128 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 124Page - PMC-Sierra, Inc PM8313 Datasheet HTML 125Page - PMC-Sierra, Inc PM8313 Datasheet HTML 126Page - PMC-Sierra, Inc PM8313 Datasheet HTML 127Page - PMC-Sierra, Inc PM8313 Datasheet HTML 128Page - PMC-Sierra, Inc PM8313 Datasheet HTML 129Page - PMC-Sierra, Inc PM8313 Datasheet HTML 130Page - PMC-Sierra, Inc PM8313 Datasheet HTML 131Page - PMC-Sierra, Inc PM8313 Datasheet HTML 132Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
118
Registers 42H, 52H, 62H, 72H, 82H, 92H and A2H: DS2 FRMR Interrupt
Status
Bit
Type
Function
Default
Bit7
R
COFAI
X
Bit6
Unused
X
Bit5
R
REDI
X
Bit4
R
FERFI
X
Bit3
R
RESI
X
Bit2
R
AISI
X
Bit1
R
OOFI
X
Bit0
Unused
X
OOFI, AISI, FERFI, REDI:
The OOFI, AISI, FERFI and REDI bits are interrupt status indicators. A
change of state on the corresponding DS2 FRMR status causes the
corresponding interrupt status bit to be set to logic 1.
RESI:
The RESI bit is an interrupt status indicator. A change in the debounced
value of the reserved bit in Set II when in G.747 mode causes this bit to be
set to logic 1. The debounced value of the reserved bit only changes when
the reserved bit is the same for two consecutive frames. This bit has no effect
in DS2 mode.
COFAI:
The COFAI bit is an interrupt status indicator. As per TR-TSY-000820, the
Change of Frame Alignment (COFA) interrupt is only asserted if a frame
search results in a frame alignment which is different from the prior frame
alignment.
The interrupt status bits are cleared when the DS2 FRMR Interrupt Status
Register is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com