Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 124 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 124 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 120Page - PMC-Sierra, Inc PM8313 Datasheet HTML 121Page - PMC-Sierra, Inc PM8313 Datasheet HTML 122Page - PMC-Sierra, Inc PM8313 Datasheet HTML 123Page - PMC-Sierra, Inc PM8313 Datasheet HTML 124Page - PMC-Sierra, Inc PM8313 Datasheet HTML 125Page - PMC-Sierra, Inc PM8313 Datasheet HTML 126Page - PMC-Sierra, Inc PM8313 Datasheet HTML 127Page - PMC-Sierra, Inc PM8313 Datasheet HTML 128Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
114
The FERFV bit indicates the current state of the FERF indication. When the
FERFV bit is a logic 1, the FRMR detected that the second to last M-frame's
X2=X1=0. When the FERFV bit is logic 0, the second to last M-frame's
X2=X1=1.
CBITV:
The CBITV bit indicates the current state in the C-bit Identification indication.
When the CBITV bit is a logic 1, the first C-bit of M sub-frame 1 has been
observed to be logic 1 for 63 consecutive occasions. When the CBITV bit is
logic 0, the first C-bit of sub-frame 1 has either not been logic 1 for 63
consecutive occasions or, if CBITV was previously logic 1, the first C-bit of
sub-frame 1 has been observed to be logic 0 for 2 or more times within 15
consecutive occasions.
REDV:
The REDV bit indicates the current state of the DS3 RED indication. When
the REDV bit is a logic 1, the DS3 FRMR frame alignment acquisition circuitry
has been out of frame for 2.23ms (or for 13.5ms when FDET is logic 0). When
the REDV bit is logic 0, the frame alignment circuitry has found frame (i.e.
OOFV=0) for 2.23ms ( or 13.5ms if FDET=0).
ACE:
The ACE bit selects the Additional Configuration Register. This register is
located at address 35H, and is only accessible when the ACE bit is set to
logic 1. When ACE is set to logic 0, the Interrupt Enable register is accessible
at address 35H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com