Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 121 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 121 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 117Page - PMC-Sierra, Inc PM8313 Datasheet HTML 118Page - PMC-Sierra, Inc PM8313 Datasheet HTML 119Page - PMC-Sierra, Inc PM8313 Datasheet HTML 120Page - PMC-Sierra, Inc PM8313 Datasheet HTML 121Page - PMC-Sierra, Inc PM8313 Datasheet HTML 122Page - PMC-Sierra, Inc PM8313 Datasheet HTML 123Page - PMC-Sierra, Inc PM8313 Datasheet HTML 124Page - PMC-Sierra, Inc PM8313 Datasheet HTML 125Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
111
Register 36H: DS3 FRMR Interrupt Status
Bit
Type
Function
Default
Bit 7
R
COFAI
X
Bit 6
R
REDI
X
Bit 5
R
CBITI
X
Bit 4
R
FERFI
X
Bit 3
R
IDLI
X
Bit 2
R
AISI
X
Bit 1
R
OOFI
X
Bit 0
R
LOSI
X
LOSI:
The LOSI bit indicates that a change of state of the loss of signal detector
has occurred. The state of the detector is visible in the LOSV bit position in
the DS3 FRMR Status register and on the RLOS pin. When the LOSI bit is a
logic 1, a change in the LOS state has occurred. When the LOSI bit is logic 0,
no change in the LOS state has occurred.
OOFI:
The OOFI bit indicates that a change of state of the DS3 FRMR frame
alignment acquisition circuitry has occurred. The state of the frame alignment
acquisition circuitry is visible in the OOFV bit location in the DS3 FRMR
Status register and on the ROOF/RRED pin when the REDO bit in the Master
Alarm Enable register is logic 0. When the circuitry has lost frame alignment
and is searching for the new alignment, an out of frame is indicated and the
OOFV bit and ROOF pin are set to logic 1. When the circuitry has found
frame alignment, the OOFV bit and ROOF pin are set to logic 0. When the
OOFI bit is a logic 1, a change in the OOF state has occurred. When the
OOFI bit is logic 0, no change in the OOF state has occurred.
AISI:
The AISI bit indicates that a change of state of the DS3 AIS signal detector
has occurred. The state of the AIS detector is visible in the AISV bit location
in the DS3 FRMR Status register and on the RAIS pin. When the AISI bit is a
logic 1, a change in the AIS detector state has occurred. When the AISI bit is
logic 0, no change in the AIS detector state has occurred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com