Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 125 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 125 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 121Page - PMC-Sierra, Inc PM8313 Datasheet HTML 122Page - PMC-Sierra, Inc PM8313 Datasheet HTML 123Page - PMC-Sierra, Inc PM8313 Datasheet HTML 124Page - PMC-Sierra, Inc PM8313 Datasheet HTML 125Page - PMC-Sierra, Inc PM8313 Datasheet HTML 126Page - PMC-Sierra, Inc PM8313 Datasheet HTML 127Page - PMC-Sierra, Inc PM8313 Datasheet HTML 128Page - PMC-Sierra, Inc PM8313 Datasheet HTML 129Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
115
Registers 40H, 50H, 60H, 70H, 80H, 90H and A0H: DS2 FRMR Configuration
Bit
Type
Function
Default
Bit7
R/W
G747
0
Bit6
Unused
X
Bit5
R/W
WORD
0
Bit4
R/W
M2O5
0
Bit3
R/W
MBDIS
0
Bit2
R/W
REFR
0
Bit1
Unused
X
Bit0
Unused
X
REFR:
The REFR bit is used to trigger reframing. If a logic 1 is written to REFR
when it was previously logic 0, the FRMR is forced out-of-frame, and a new
search for frame alignment is initiated. Note that only a low-to-high transition
of the REFR bit triggers reframing; multiple write operations are required to
ensure such a transition.
MBDIS:
The MBDIS bit disables the declaration of out-of-frame upon excessive M-bit
errors. If MBDIS is a logic 0, out-of-frame is declared when one or more M-
bit errors are detected in 3 out of 4 consecutive M-frames. If MBDIS is a logic
1, the state of the M-bits is ignored once in frame. Regardless of the state of
the MBDIS bit, the F-bits are always monitored for invalid framing.
M2O5:
The M2O5 bit selects the error ratio for declaring out-of-frame (OOF) when in
DS2 mode only. When a 1 is written to M2O5, the framer declares OOF when
2 F-bit errors out of 5 consecutive F-bits are observed. When a 0 is written,
the framer declares OOF when 2 F-bit errors out of 4 consecutive F-bits are
observed. (These two ratios are recommended in TR-TSY-000009 Section
4.1.2) When the FRMR is configured for G.747 operation (the G747 bit is set
to logic 1), the OOF status is declared when 4 consecutive framing word
errors occur (as per CCITT Rec. G747 Section 4), regardless of the M2O5 bit
setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com