Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 127 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 127 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 123Page - PMC-Sierra, Inc PM8313 Datasheet HTML 124Page - PMC-Sierra, Inc PM8313 Datasheet HTML 125Page - PMC-Sierra, Inc PM8313 Datasheet HTML 126Page - PMC-Sierra, Inc PM8313 Datasheet HTML 127Page - PMC-Sierra, Inc PM8313 Datasheet HTML 128Page - PMC-Sierra, Inc PM8313 Datasheet HTML 129Page - PMC-Sierra, Inc PM8313 Datasheet HTML 130Page - PMC-Sierra, Inc PM8313 Datasheet HTML 131Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
117
Registers 41H, 51H, 61H, 71H, 81H, 91H and A1H: DS2 FRMR Interrupt
Enable
Bit
Type
Function
Default
Bit7
R/W
COFAE
0
Bit6
Unused
X
Bit5
R/W
REDE
0
Bit4
R/W
FERFE
0
Bit3
R/W
RESE
0
Bit2
R/W
AISE
0
Bit1
R/W
OOFE
0
Bit0
Unused
X
OOFE, AISE, FERFE, REDE:
The OOFE, AISE, FERFE and REDE bits are interrupt enables. A change of
state on a corresponding DS2 FRMR status causes the interrupt output,
INTB, to be asserted low when the corresponding interrupt enable bit is
written with a logic 1.
COFAE:
The COFAE bit is an interrupt enable. A change of frame alignment (COFA)
event causes the interrupt output to be set high when the COFAE bit is
written with a logic 1.
RESE:
The RESE bit is an interrupt enable. A change in the debounced value of the
reserved bit in Set II when in G.747 mode causes the interrupt output to be
set high when the RESE bit is written with a logic 1. The debounced value of
the reserved bit only changes when the reserved bit is the same for two
consecutive frames. The RESE bit has no effect in DS2 mode.
The interrupt output, INTB, is deasserted when the Interrupt Status Register is
read if its assertion was a result an OOF, AIS, FERF, RED, RES, or COFA event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com