Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 117 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 117 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 113Page - PMC-Sierra, Inc PM8313 Datasheet HTML 114Page - PMC-Sierra, Inc PM8313 Datasheet HTML 115Page - PMC-Sierra, Inc PM8313 Datasheet HTML 116Page - PMC-Sierra, Inc PM8313 Datasheet HTML 117Page - PMC-Sierra, Inc PM8313 Datasheet HTML 118Page - PMC-Sierra, Inc PM8313 Datasheet HTML 119Page - PMC-Sierra, Inc PM8313 Datasheet HTML 120Page - PMC-Sierra, Inc PM8313 Datasheet HTML 121Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
107
IDLE:
The IDLE bit enables an interrupt to be generated when a change of state of
the DS3 IDLE signal detector occurs. When IDLE is set to logic 1, the
interrupt output, INTB, is set low when the state of the IDLE detector
changes.
FERFE:
The FERFE bit enables an interrupt to be generated when a change of state
of the FERF indication occurs. The FERF indication is visible in the FERFV
bit location of the DS3 FRMR Status register and on the RFERF pin. When
FERFE is set to logic 1, the interrupt output, INTB, is set low when the state
of the FERF output changes.
CBITE:
The CBITE bit enables an interrupt to be generated when change of state in
the C-bit Identification indication internal to the DS3 FRMR occurs. When
CBITE is set to logic 1, the interrupt output, INTB, is set low when the state of
the C-bit Identification indication changes.
REDE:
The REDE bit enables an interrupt to be generated when a change of state of
the DS3 RED indication occurs. The DS3 RED indication is visible in the
REDV bit location of the DS3 FRMR Status register and on the ROOF/RRED
pin when the REDO bit in the Master Alarm Enable register ( register 06Hex)
is set to logic 1. When REDE is set to logic 1, the interrupt output, INTB, is set
low when the state of the RED indication changes.
COFAE:
The COFAE bit enables an interrupt to be generated when a change of frame
alignment (i.e. a COFA event ) occurs. When COFAE is set to logic 1, the
interrupt output, INTB, is set low when the COFA event occurs.
A FRMR-generated interrupt is cleared when the FRMR Interrupt Status Register
is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com