Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 113 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 113 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 109Page - PMC-Sierra, Inc PM8313 Datasheet HTML 110Page - PMC-Sierra, Inc PM8313 Datasheet HTML 111Page - PMC-Sierra, Inc PM8313 Datasheet HTML 112Page - PMC-Sierra, Inc PM8313 Datasheet HTML 113Page - PMC-Sierra, Inc PM8313 Datasheet HTML 114Page - PMC-Sierra, Inc PM8313 Datasheet HTML 115Page - PMC-Sierra, Inc PM8313 Datasheet HTML 116Page - PMC-Sierra, Inc PM8313 Datasheet HTML 117Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
103
Register 33H: RBOC Interrupt Status
Bit
Type
Function
Default
Bit 7
R
IDLEI
X
Bit 6
R
BOCI
X
Bit 5
R
BOC[5]
X
Bit 4
R
BOC[4]
X
Bit 3
R
BOC[3]
X
Bit 2
R
BOC[2]
X
Bit 1
R
BOC[1]
X
Bit 0
R
BOC[0]
X
BOC[5:0]
The bit positions BOC[5:0] contain the received bit-oriented codes. A logic 1
in the BOCI bit position indicates that a validated BOC code has generated
an interrupt; a logic 0 in the BOCI bit position indicates that no BOC has been
detected. Since the bit-oriented code "111111" is not recognized by the
RBOC, the BOC[5:0] bits are set to all ones ("111111") if no valid code has
been detected. The BOCI bit position is cleared to logic 0 and the interrupt is
deasserted when this register is read.
IDLEI:
The IDLEI bit position indicates whether an interrupt was generated by the
detection of the transition from a valid BOC to idle code. A logic 1 in the
IDLEI bit position indicates that a transition from a valid BOC to idle code has
generated an interrupt; a logic 0 in the IDLEI bit position indicates that no
transition from a valid BOC to idle code has been detected. IDLEI is cleared
to logic 0 when the register is read.
Register 34H: DS3 FRMR Configuration
Bit
Type
Function
Default
Bit7
R/W
AISPAT
1
Bit6
R/W
FDET
0
Bit5
R/W
MBDIS
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com