Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 136 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 136 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 132Page - PMC-Sierra, Inc PM8313 Datasheet HTML 133Page - PMC-Sierra, Inc PM8313 Datasheet HTML 134Page - PMC-Sierra, Inc PM8313 Datasheet HTML 135Page - PMC-Sierra, Inc PM8313 Datasheet HTML 136Page - PMC-Sierra, Inc PM8313 Datasheet HTML 137Page - PMC-Sierra, Inc PM8313 Datasheet HTML 138Page - PMC-Sierra, Inc PM8313 Datasheet HTML 139Page - PMC-Sierra, Inc PM8313 Datasheet HTML 140Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
126
FINV:
When FINV is set high and G747 is low, all the transmitted F bits in the DS2
output stream are logically inverted for diagnostic purposes. If G747 is low
when FINV is set high, the nine bit frame alignment signal (111010000) is
logically inverted (i.e. 000101111).
MINV:
When MINV is set high, the transmitted M bits in the DS2 output stream are
inverted for diagnostic purposes. This only has effect when the G747 bit is
low.
PINV:
When PINV is set high, the transmitted parity bit in the G.747 formatted
output stream is inverted for diagnostic purposes. This only has effect when
the G747 bit is high.
G747:
When G747 is high, the MX12 supports CCITT Recommendation G.747. In
this mode, three 2048 kbit/s tributaries are multiplexed into and demultiplex
out of a 840 bit frame. If G747 is low, the frame format is compatible with
DS2 as specified in the ANSI T1.107 Standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com