Electronic Components Datasheet Search
  English  ▼

X  

LAN8700 Datasheet(PDF) 24 Page - Microchip Technology

Part # LAN8700
Description  짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8700 Datasheet(HTML) 24 Page - Microchip Technology

Back Button LAN8700 Datasheet HTML 20Page - Microchip Technology LAN8700 Datasheet HTML 21Page - Microchip Technology LAN8700 Datasheet HTML 22Page - Microchip Technology LAN8700 Datasheet HTML 23Page - Microchip Technology LAN8700 Datasheet HTML 24Page - Microchip Technology LAN8700 Datasheet HTML 25Page - Microchip Technology LAN8700 Datasheet HTML 26Page - Microchip Technology LAN8700 Datasheet HTML 27Page - Microchip Technology LAN8700 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 74 page
background image
LAN8700/LAN8700i
DS00002260A-page 24
 2007-2016 Microchip Technology Inc.
4.9
Internal +1.8V Regulator Disable
One feature of the flexPWR technology is the ability to configure the internal 1.8V regulator off. When the regulator is
disabled, external 1.8V must be supplied to VDD_CORE. This makes it possible to reduce total system power, since an
external switching regulator with greater efficiency than the internal linear regulator may be used to provide the +1.8V
to the PHY circuitry.
4.9.1
DISABLE THE INTERNAL +1.8V REGULATOR
To disable the +1.8V internal regulator, a pullup strapping resistor (see Table 4-3, “Boot Strapping Configuration Resis-
tors,” on page 25) is connected from RXCLK/REGOFF to VDDIO. At power-on, after both VDDIO and VDDA are within
specification, the PHY will sample the RXCLK/REGOFF pin to determine if the internal regulator should turn on. If the
pin is sampled at a voltage greater than VIH, then the internal regulator is disabled, and the system must supply +1.8V
to the VDD_CORE pin. The voltage at VDD33 must be at least 2.64V (0.8 * 3.3V) before voltage is applied to
VDD_CORE. As described in Section 4.9.2, when the RXCLK/REGOFF pin is left floating or connected to VSS, then
the internal regulator is enabled and the system does not supply +1.8V to the VDD_CORE pin.
When the +1.8V internal regulator is disabled, a 0.1uF capacitor must be added at the VDD_CORE pin and placed close
to the PHY to decouple the external power supply.
4.9.2
ENABLE THE INTERNAL +1.8V REGULATOR
The 1.8V for VDD_CORE is supplied by the on-chip regulator unless the PHY is configured for regulator off mode using
the RX_CLK/REGOFF pin as described in Section 4.9.1. By default, the internal +1.8V regulator is enabled when the
RXCLK/REGOFF pin is floating. As shown in Table 7-11, an internal pull-down resistor straps the regulator on if the
RXCLK/REGOFF pin is floating.
During VDDIO and VDDA power-on, if the RXCLK/REGOFF pin is sampled below VIL, then the internal +1.8V regulator
will turn on and operate with power from the VDD33 pin.
When using the internal linear regulator, a 4.7uF bypass capacitor with ESR < 1ohm and a 0.1uF capacitor must always
be added to VDD_CORE and placed close to the PHY to ensure stability of the internal regulator.
4.10
nINT/TX_ER/TXD4 Strapping
The nINT, TX_ER, and TXD4 functions share a common pin. There are two functional modes for this pin, the
TX_ER/TXD4 mode and nINT (interrupt) mode. The RXD3/nINTSEL pin is used to select one of these two functional
modes.
FIGURE 4-4:
DIRECT CABLE CONNECTION VS. CROSS-OVER CABLE CONNECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com