Electronic Components Datasheet Search
  English  ▼

X  

LAN8700 Datasheet(PDF) 64 Page - Microchip Technology

Part # LAN8700
Description  짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8700 Datasheet(HTML) 64 Page - Microchip Technology

Back Button LAN8700 Datasheet HTML 60Page - Microchip Technology LAN8700 Datasheet HTML 61Page - Microchip Technology LAN8700 Datasheet HTML 62Page - Microchip Technology LAN8700 Datasheet HTML 63Page - Microchip Technology LAN8700 Datasheet HTML 64Page - Microchip Technology LAN8700 Datasheet HTML 65Page - Microchip Technology LAN8700 Datasheet HTML 66Page - Microchip Technology LAN8700 Datasheet HTML 67Page - Microchip Technology LAN8700 Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 74 page
background image
LAN8700/LAN8700i
DS00002260A-page 64
 2007-2016 Microchip Technology Inc.
8.2
Magnetics Selection
For a list of magnetics selected to operate with the Microchip LAN8700, please refer to the Application note “AN 8-13
Suggested Magnetics”.
http://ww1.microchip.com/downloads/en/appnotes/en562793.pdf
8.3
Application Notes
Application examples are given in pdf format on the Microchip LAN8700 web site. The link to the web site is shown
below.
http://www.microchip.com/wwwproducts/en/LAN8700
Please check the web site periodically for the latest updates.
8.4
Reference Designs
The LAN8700 Reference designs are available on the Microchip LAN8700 web site link below.
http://www.microchip.com/wwwproducts/en/LAN8700
The reference designs are available in four variations:
a)
MII with +3.3V IO
b)
RMII with +3.3V IO
c)
MII with +1.8V IO
d)
RMII with +1.8V IO.
Features
• Industrial temperature PHY and Magnetics
• 8 pin SOIC for user configurable Magnetics
• On board LED indicators for Speed 100
• Full Duplex
• RJ-45 Connector LEDs for Link and Activity
• Interfaces Through 40-pin Connector as Defined in the MII Specification
• Powered by 5.0V from the 40-Pin MII Connector
• Standard RJ45 Connector with LED indicators for Link and Activity
• Includes Probe Points on All MII Data and Control Signals for Troubleshooting
• Includes 25MHz Crystal for Internal PHY Reference; RX_CLK is Supplied to the 40-Pin Connector
• Supports user configuration options including PHY address selection
• Integrated 3.3V Regulator
Applications
The EVB8700 Evaluation board simplifies the process of testing and evaluating an Ethernet Connection in your appli-
cation. The LAN8700 device is installed on the EVB board and all associated circuitry is included, along with all config-
uration options.
The Benefits of adding an external MII interface are:
• Easier system and software development
• Verify MAC to PHY interface
• Support testing of FPGA implementations of MAC
• Assist interoperability test of various networks
• Verify MII compliance
• Verify performance of HP AutoMDIX feature
• Verify Variable IO compliance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com