Electronic Components Datasheet Search
  English  ▼

X  

LAN8700 Datasheet(PDF) 1 Page - Microchip Technology

Part # LAN8700
Description  짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8700 Datasheet(HTML) 1 Page - Microchip Technology

  LAN8700 Datasheet HTML 1Page - Microchip Technology LAN8700 Datasheet HTML 2Page - Microchip Technology LAN8700 Datasheet HTML 3Page - Microchip Technology LAN8700 Datasheet HTML 4Page - Microchip Technology LAN8700 Datasheet HTML 5Page - Microchip Technology LAN8700 Datasheet HTML 6Page - Microchip Technology LAN8700 Datasheet HTML 7Page - Microchip Technology LAN8700 Datasheet HTML 8Page - Microchip Technology LAN8700 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 74 page
background image
 2007-2016 Microchip Technology Inc.
DS00002260A-page 1
Highlights
• Single-Chip Ethernet Physical Layer Transceiver
(PHY)
• ESD Protection levels of ±8kV HBM without exter-
nal protection devices
• ESD protection levels of EN/IEC61000-4-2, ±8kV
contact mode, and ±15kV for air discharge mode
per independent test facility
• Comprehensive flexPWR® Technology
- Flexible Power Management Architecture
• LVCMOS Variable I/O voltage range: +1.6V to
+3.6V
• Integrated 3.3V to 1.8V regulator for optional sin-
gle supply operation.
- Regulator can be disabled if 1.8V system
supply is available.
• Performs HP Auto-MDIX in accordance with IEEE
802.3ab specification
• Cable length greater than 150 meters
• Automatic Polarity Correction
• Latch-Up Performance Exceeds 150mA per EIA/
JESD 78, Class II
• Energy Detect power-down mode
• Low Current consumption power down mode
• Low operating current consumption:
- 39mA typical in 10BASE-T and
- 79mA typical in 100BASE-TX mode
• Supports Auto-negotiation and Parallel Detection
• Supports the Media Independent Interface (MII)
and Reduced Media Independent Interface (RMII)
• Compliant with IEEE 802.3-2005 standards
- MII Pins tolerant to 3.6V
• IEEE 802.3-2005 compliant register functions
• Integrated DSP with Adaptive Equalizer
• Baseline Wander (BLW) Correction
• Vendor Specific register functions
• Low profile 36-pin QFN RoHS compliant package
(6 x 6 x 0.9mm height)
• 4 LED status indicators
• Commercial Operating Temperature 0
 C to 70 C
• Industrial Operating Temperature -40
 C to 85 C
version available (LAN8700i)
Applications
• Set Top Boxes
• Network Printers and Servers
• LAN on Motherboard
• 10/100 PCMCIA/CardBus Applications
• Embedded Telecom Applications
• Video Record/Playback Systems
• Cable Modems/Routers
• DSL Modems/Routers
• Digital Video Recorders
• Personal Video Recorders
• IP and Video Phones
• Wireless Access Points
• Digital Televisions
• Digital Media Adaptors/Servers
• POS Terminals
• Automotive Networking
• Gaming Consoles
• Security Systems
• POE Applications
• Access Control
LAN8700/LAN8700i
±15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with
HP Auto-MDIX Support and flexPWR® Technology in a Small Footprint


Similar Part No. - LAN8700

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN8700 SMSC-LAN8700 Datasheet
1,005Kb / 73P
짹15kV ESD Protected MII/RMII Fast-Ethernet PHY with HP Auto-MDIX and SMSC flexPWR TM in a Small Footprint
LAN8700-AEZG SMSC-LAN8700-AEZG Datasheet
1,005Kb / 73P
짹15kV ESD Protected MII/RMII Fast-Ethernet PHY with HP Auto-MDIX and SMSC flexPWR TM in a Small Footprint
logo
Microchip Technology
LAN8700C-AEZG-TR MICROCHIP-LAN8700C-AEZG-TR Datasheet
723Kb / 83P
짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR Technology in a Small Footprint
Revision 2.3 04-12-11
LAN8700IC-AEZG MICROCHIP-LAN8700IC-AEZG Datasheet
1Mb / 83P
짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
Revision 2.3 (04-12-11)
More results

Similar Description - LAN8700

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN8710 SMSC-LAN8710 Datasheet
1Mb / 79P
MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
logo
Microchip Technology
LAN8700IC-AEZG MICROCHIP-LAN8700IC-AEZG Datasheet
1Mb / 83P
짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
Revision 2.3 (04-12-11)
logo
SMSC Corporation
LAN8710A SMSC-LAN8710A Datasheet
1Mb / 82P
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
LAN8720A SMSC-LAN8720A Datasheet
1Mb / 79P
Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
logo
Microchip Technology
LAN8700C-AEZG-TR MICROCHIP-LAN8700C-AEZG-TR Datasheet
723Kb / 83P
짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR Technology in a Small Footprint
Revision 2.3 04-12-11
LAN8710A MICROCHIP-LAN8710A Datasheet
1Mb / 82P
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
Revision 1.4 08-23-12
LAN8742A MICROCHIP-LAN8742A Datasheet
1Mb / 124P
Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8741A MICROCHIP-LAN8741A Datasheet
1,012Kb / 106P
Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8740A MICROCHIP-LAN8740A Datasheet
1Mb / 136P
Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
logo
SMSC Corporation
LAN8187 SMSC-LAN8187_11 Datasheet
1Mb / 78P
짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX & flexPWR짰 Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com