Electronic Components Datasheet Search
  English  ▼

X  

LAN8700 Datasheet(PDF) 29 Page - Microchip Technology

Part # LAN8700
Description  짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8700 Datasheet(HTML) 29 Page - Microchip Technology

Back Button LAN8700 Datasheet HTML 25Page - Microchip Technology LAN8700 Datasheet HTML 26Page - Microchip Technology LAN8700 Datasheet HTML 27Page - Microchip Technology LAN8700 Datasheet HTML 28Page - Microchip Technology LAN8700 Datasheet HTML 29Page - Microchip Technology LAN8700 Datasheet HTML 30Page - Microchip Technology LAN8700 Datasheet HTML 31Page - Microchip Technology LAN8700 Datasheet HTML 32Page - Microchip Technology LAN8700 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 74 page
background image
TABLE 5-6:
AUTO-NEGOTIATION LINK PARTNER BASE PAGE ABILITY REGISTER: REGISTER 5 (EXTENDED)
15
14
13
12
11
10
9
8
7
6
5
43210
Next
Page
Acknowledge
Remote
Fault
Reserved
Pause
100Base-
T4
100Base-TX
Full Duplex
100Base-
TX
10Base-T
Full
Duplex
10Base-
T
IEEE 802.3 Selector Field
TABLE 5-7:
AUTO-NEGOTIATION EXPANSION REGISTER: REGISTER 6 (EXTENDED)
15
14
13
12
11
10
98765
4
3
2
1
0
Reserved
Parallel
Detect
Fault
Link
Partner
Next Page
Able
Next Page
Able
Page
Received
Link
Partner
A/N Able
TABLE 5-8:
AUTO-NEGOTIATION LINK PARTNER NEXT PAGE TRANSMIT REGISTER: REGISTER 7 (EXTENDED)
15
14
13
12
11
10
98765
4321
0
Reserved
Note:
Next Page capability is not supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com