Electronic Components Datasheet Search
  English  ▼

X  

LAN8700 Datasheet(PDF) 69 Page - Microchip Technology

Part # LAN8700
Description  짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8700 Datasheet(HTML) 69 Page - Microchip Technology

Back Button LAN8700 Datasheet HTML 65Page - Microchip Technology LAN8700 Datasheet HTML 66Page - Microchip Technology LAN8700 Datasheet HTML 67Page - Microchip Technology LAN8700 Datasheet HTML 68Page - Microchip Technology LAN8700 Datasheet HTML 69Page - Microchip Technology LAN8700 Datasheet HTML 70Page - Microchip Technology LAN8700 Datasheet HTML 71Page - Microchip Technology LAN8700 Datasheet HTML 72Page - Microchip Technology LAN8700 Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 74 page
background image
 2007-2016 Microchip Technology Inc.
DS00002260A-page 69
LAN8700/LAN8700i
Table 6-5, "10M MII Transmit
Timing Values"
Removed the text “T5.2” in the “Parameter”
column.
Figure 6-5, "10M MII Transmit
Timing Diagrams"
Replaced figure.
Table 6-3, "100M MII Transmit
Timing Values"
Removed the text “T3.2” in the “Parameter”
column.
Figure 6-3, "100M MII
Transmit Timing Diagram"
Replaced figure.
Table 6-11, "Reset Timing
Values"
Changed the MIN value for T11.3:
From: “400”
To: “10”
Table 6-4, "10M MII Receive
Timing Values"
Deleted last row in table.
Section 4.6.2.1, "Reference
Clock"
First sentence of second paragraph changed:
From: “between 35% and 65%”
To: “between 40% and 60%”
Rev. 1.8
(02-14-08)
Table 6-7, "100M RMII
Transmit Timing Values"
Changed value of T8.1 and T8.2.
Table 6-6, "100M RMII
Receive Timing Values"
Changed value of T6.1.
Rev. 1.6
(12-11-07)
Section 4.9, "Internal +1.8V
Regulator Disable"
Added information about not applying VDD_CORE
before VDD33 is at 2.64V.
Table 3-8, "Power Signals"
Updated description of VDD_CORE for information
on using external 1.8V supply.
Table 3-1, "MII Signals"
Updated description of RX_CLK/REGOFF to add
power supply sequencing information.
Table 5-33, "Register 3 - PHY
Identifier 2"
Updated Revision Number to match the
LAN8700C silicon.
Rev. 1.5
(10-04-07)
Section 8.0, "Application
Notes"
Table 8-1, "Simplified Application Diagram (see
Section 8.4, "Reference Designs")" has been
updated. In addition, the following cross reference
added to caption:
(see Section 8.4, "Reference Designs").
Rev. 1.4
(09-17-07)
Section 7.1.4, "DC
Characteristics - Input and
Output Buffers"
Changed VIH to 0.68*VDDIO.
Changed VIL to 0.4*VDDIO.
Rev. 1.3
(06-27-07)
Table 6-9, "10M RMII Transmit
Timing Values"
Moved parameter T10.2 in Table 6-9, "10M RMII
Transmit Timing Values" from MAX column to MIN
column.
Table 6-5, "10M MII Transmit
Timing Values"
Moved parameter T5.2 in Table 6-5, "10M MII
Transmit Timing Values" from MAX column to MIN
column.
Rev. 1.2
(05-29-07)
Table 5-48, "MODE[2:0] Bus"
Added description when the MODE[2:0] bits are
set to 110.
TABLE A-1:
REVISION HISTORY (CONTINUED)
Revision Level & Date
Section/Figure/Entry
Correction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com