Electronic Components Datasheet Search
  English  ▼

X  

LAN8700 Datasheet(PDF) 59 Page - Microchip Technology

Part # LAN8700
Description  짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8700 Datasheet(HTML) 59 Page - Microchip Technology

Back Button LAN8700 Datasheet HTML 55Page - Microchip Technology LAN8700 Datasheet HTML 56Page - Microchip Technology LAN8700 Datasheet HTML 57Page - Microchip Technology LAN8700 Datasheet HTML 58Page - Microchip Technology LAN8700 Datasheet HTML 59Page - Microchip Technology LAN8700 Datasheet HTML 60Page - Microchip Technology LAN8700 Datasheet HTML 61Page - Microchip Technology LAN8700 Datasheet HTML 62Page - Microchip Technology LAN8700 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 74 page
background image
 2007-2016 Microchip Technology Inc.
DS00002260A-page 59
LAN8700/LAN8700i
7.1.1.2.1
Air Discharge
To perform this test, a charged electrode is moved close to the system being tested until a spark is generated. This test
is difficult to reproduce because the discharge is influenced by such factors as humidity, the speed of approach of the
electrode, and construction of the test equipment.
7.1.1.2.2
Contact Discharge
The uncharged electrode first contacts the pin to prepare this test, and then the probe tip is energized. This yields more
repeatable results, and is the preferred test method. The independent test laboratories contracted by Microchip provide
test results for both types of discharge methods.
7.1.2
OPERATING CONDITIONS
7.1.3
POWER CONSUMPTION
7.1.3.1
Power Consumption Device Only
Power measurements taken over the operating conditions specified. See Section 5.4.5 for a description of the power
down modes.
Note 7-1
This is calculated with full flexPWR features activated: VDDIO = 1.8V and internal regulator disabled.
TABLE 7-3:
RECOMMENDED OPERATING CONDITIONS
Parameter
Conditions
MIN
TYP
MAX
Units
Comment
VDD33
VDD33 to VSS
3.0
3.3
3.6
V
Input Voltage on Digital
Pins
0.0
VDDIO
V
Voltage on Analog I/O
pins (RXP, RXN)
0.0
+3.6V
V
Ambient Temperature
TA LAN8700-AEZG
0
70
C
For Commercial
Temperature
TA LAN8700i-AEZG
-40
+85
C
For Industrial Temperature
TABLE 7-4:
POWER CONSUMPTION DEVICE ONLY
Power Pin Group
VDDA3.3
Power Pins
(mA)
VDD_CORE
Power Pin
(mA)
VDDIO
Power Pin
(mA)
Total
Current
(mA)
Total
Power
(mW)
100BASE-T /W TRAFFIC
Max
35.6
41.3
4.7
81.6
269.28
Typical
33.3
37.4
4.1
74.8
246.84
Min
31.3
33.4
1.3
66
165.75
Note 7-1
10BASE-T /W TRAFFIC
Max
15.6
22.3
1.1
39
128.7
Typical
15.3
20.8
0.9
37
122.1
Min
14.9
19.1
0.1
34.1
83.88
Note 7-1
ENERGY DETECT POWER
DOWN
Max
10.5
3.3
0.5
13.85
45.7
Typical
9.9
2.7
0.4
13.0
42.9
Min
9.8
2.3
0.3
12.4
37.02
Note 7-1
GENERAL POWER DOWN
Max
0.21
2.92
0.39
3.52
11.62
Typical
0.124
2.6
0.345
3.07
10.131
Min
0.038
2.1
0.3
2.44
4.4454
Note 7-1
Note:
The current at VDD_CORE is either supplied by the internal regulator from current entering at VDD33, or
from an external 1.8V supply when the internal regulator is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com