Electronic Components Datasheet Search
  English  ▼

X  

LAN8700 Datasheet(PDF) 37 Page - Microchip Technology

Part # LAN8700
Description  짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8700 Datasheet(HTML) 37 Page - Microchip Technology

Back Button LAN8700 Datasheet HTML 33Page - Microchip Technology LAN8700 Datasheet HTML 34Page - Microchip Technology LAN8700 Datasheet HTML 35Page - Microchip Technology LAN8700 Datasheet HTML 36Page - Microchip Technology LAN8700 Datasheet HTML 37Page - Microchip Technology LAN8700 Datasheet HTML 38Page - Microchip Technology LAN8700 Datasheet HTML 39Page - Microchip Technology LAN8700 Datasheet HTML 40Page - Microchip Technology LAN8700 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 74 page
background image
 2007-2016 Microchip Technology Inc.
DS00002260A-page 37
LAN8700/LAN8700i
5.10
Pause Operation
1 = Pause Operation is supported by remote MAC,
0 = Pause Operation is not supported by remote MAC
RO
0
5.9
100Base-T4
1 = T4 able,
0 = no T4 ability.
This Phy does not support T4 ability.
RO
0
5.8
100Base-TX Full
Duplex
1 = TX with full duplex,
0 = no TX full duplex ability
RO
0
5.7
100Base-TX
1 = TX able,
0 = no TX ability
RO
0
5.6
10Base-T Full
Duplex
1 = 10Mbps with full duplex
0 = no 10Mbps with full duplex ability
RO
0
5.5
10Base-T
1 = 10Mbps able,
0 = no 10Mbps ability
RO
0
5.4:0
Selector Field
[00001] = IEEE 802.3
RO
00001
TABLE 5-36:
REGISTER 6 - AUTO NEGOTIATION EXPANSION
Address
Name
Description
Mode
Default
6.15:5
Reserved
RO
0
6.4
Parallel Detection
Fault
1 = fault detected by parallel detection logic
0 = no fault detected by parallel detection logic
RO/
LH
0
6.3
Link Partner Next
Page Able
1 = link partner has next page ability
0 = link partner does not have next page ability
RO
0
6.2
Next Page Able
1 = local device has next page ability
0 = local device does not have next page ability
RO
0
6.1
Page Received
1 = new page received
0 = new page not yet received
RO/
LH
0
6.0
Link Partner Auto-
Negotiation Able
1 = link partner has auto-negotiation ability
0 = link partner does not have auto-negotiation ability
RO
0
TABLE 5-37:
REGISTER 16 - SILICON REVISION
Address
Name
Description
Mode
Default
16.15:10
Reserved
RO
0
16.9:6
Silicon Revision
Four-bit silicon revision identifier.
RO
0001
16.5:0
Reserved
RO
0
TABLE 5-38:
REGISTER 17 - MODE CONTROL/STATUS
Address
Name
Description
Mode
Default
17.15:14
Reserved
Write as 0; ignore on read.
RW
0
17.13
EDPWRDOWN
Enable the Energy Detect Power-Down mode:
0 = Energy Detect Power-Down is disabled
1 = Energy Detect Power-Down is enabled
RW
0
17.12
Reserved
Write as 0, ignore on read
RW
0
17.11
LOWSQEN
The Low_Squelch signal is equal to LOWSQEN AND
EDPWRDOWN.
Low_Squelch = 1 implies a lower threshold
(more sensitive).
Low_Squelch = 0 implies a higher threshold
(less sensitive).
RW
0
TABLE 5-35:
REGISTER 5 - AUTO NEGOTIATION LINK PARTNER ABILITY (CONTINUED)
Address
Name
Description
Mode
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com