Electronic Components Datasheet Search
  English  ▼

X  

LAN8700 Datasheet(PDF) 32 Page - Microchip Technology

Part # LAN8700
Description  짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8700 Datasheet(HTML) 32 Page - Microchip Technology

Back Button LAN8700 Datasheet HTML 28Page - Microchip Technology LAN8700 Datasheet HTML 29Page - Microchip Technology LAN8700 Datasheet HTML 30Page - Microchip Technology LAN8700 Datasheet HTML 31Page - Microchip Technology LAN8700 Datasheet HTML 32Page - Microchip Technology LAN8700 Datasheet HTML 33Page - Microchip Technology LAN8700 Datasheet HTML 34Page - Microchip Technology LAN8700 Datasheet HTML 35Page - Microchip Technology LAN8700 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 74 page
background image
TABLE 5-19:
SPECIAL MODES REGISTER 18: VENDOR-SPECIFIC
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
MIIMODE
Reserved
MODE
PHYAD
TABLE 5-20:
RESERVED REGISTER 19: VENDOR-SPECIFIC
15
14
13
12
11
10
987
6543
210
Reserved
TABLE 5-21:
REGISTER 24: VENDOR-SPECIFIC
15
14
13
12
11
10
98
7654
3210
Reserved
TABLE 5-22:
REGISTER 25: VENDOR-SPECIFIC
15
14
13
12
11
10
98
765
432
10
Reserved
TABLE 5-23:
SYMBOL ERROR COUNTER REGISTER 26: VENDOR-SPECIFIC
15
14
13
12
11
10
98
765
432
10
Symbol Error Counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com