Electronic Components Datasheet Search
  English  ▼

X  

LAN8700 Datasheet(PDF) 55 Page - Microchip Technology

Part # LAN8700
Description  짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8700 Datasheet(HTML) 55 Page - Microchip Technology

Back Button LAN8700 Datasheet HTML 51Page - Microchip Technology LAN8700 Datasheet HTML 52Page - Microchip Technology LAN8700 Datasheet HTML 53Page - Microchip Technology LAN8700 Datasheet HTML 54Page - Microchip Technology LAN8700 Datasheet HTML 55Page - Microchip Technology LAN8700 Datasheet HTML 56Page - Microchip Technology LAN8700 Datasheet HTML 57Page - Microchip Technology LAN8700 Datasheet HTML 58Page - Microchip Technology LAN8700 Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 74 page
background image
 2007-2016 Microchip Technology Inc.
DS00002260A-page 55
LAN8700/LAN8700i
6.3.2.2
10M RMII Transmit Timing
6.4
RMII CLKIN Timing
FIGURE 6-9:
10M RMII TRANSMIT TIMING DIAGRAM
TABLE 6-9:
10M RMII TRANSMIT TIMING VALUES
Parameter
Description
MIN
TYP
MAX
Units
Notes
T10.1
Transmit signals required setup to
rising edge of CLKIN
4ns
T10.2
Transmit signals required hold after
rising edge of REF_CLK
2ns
CLKIN frequency
50
MHz
TABLE 6-10:
RMII CLKIN (REF_CLK)TIMING VALUES
Parameter
Description
MIN
TYP
MAX
Units
Notes
CLKIN frequency
50
MHz
CLKIN Frequency Drift
± 50
ppm
CLKIN Duty Cycle
40
60
%
CLKIN Jitter
150
psec
p-p – not RMS
Clock In -
CLKIN
Data Out -
TXD[1:0]
T10.1
TX_EN
T10.2
Valid Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com