Electronic Components Datasheet Search
  English  ▼

X  

LAN8700 Datasheet(PDF) 72 Page - Microchip Technology

Part # LAN8700
Description  짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8700 Datasheet(HTML) 72 Page - Microchip Technology

Back Button LAN8700 Datasheet HTML 66Page - Microchip Technology LAN8700 Datasheet HTML 67Page - Microchip Technology LAN8700 Datasheet HTML 68Page - Microchip Technology LAN8700 Datasheet HTML 69Page - Microchip Technology LAN8700 Datasheet HTML 70Page - Microchip Technology LAN8700 Datasheet HTML 71Page - Microchip Technology LAN8700 Datasheet HTML 72Page - Microchip Technology LAN8700 Datasheet HTML 73Page - Microchip Technology LAN8700 Datasheet HTML 74Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 72 / 74 page
background image
LAN8700/LAN8700i
DS00002260A-page 72
 2007-2016 Microchip Technology Inc.
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
LAN8700C, LAN8700iC
Temperature Range:
Blank
=
0
C to+70C (Commercial)
i=
-40
C to+85C (Industrial)
Package:
AEZG
= 36-pin QFN
Tape and Reel Option:
Blank
= Standard packaging (tray)
TR
= Tape and Reel
Examples:
a)
LAN8700C-AEZG
36-Pin QFN RoHS Compliant Pkg
Commercial, Tray
b)
LAN8700C-AEZG-TR
36-Pin QFN RoHS Compliant Pkg
Commercial, Tape & Reel
c)
LAN8700iC-AEZG
36-Pin QFN RoHS Compliant Pkg
Industrial, Tray
d)
LAN8700iC-AEZG-TR
36-Pin QFN RoHS Compliant Pkg
Industrial, Tape & Reel
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and is
not printed on the device package. Check
with your Microchip Sales Office for package
availability with the Tape and Reel option.
Reel size is 3,000.
PART NO.
[X]
XXX
Package
Temperature
Range
Device
[X](1)
Tape and Reel
Option
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com