Electronic Components Datasheet Search
  English  ▼

X  

LAN8700 Datasheet(PDF) 8 Page - Microchip Technology

Part # LAN8700
Description  짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8700 Datasheet(HTML) 8 Page - Microchip Technology

Back Button LAN8700 Datasheet HTML 4Page - Microchip Technology LAN8700 Datasheet HTML 5Page - Microchip Technology LAN8700 Datasheet HTML 6Page - Microchip Technology LAN8700 Datasheet HTML 7Page - Microchip Technology LAN8700 Datasheet HTML 8Page - Microchip Technology LAN8700 Datasheet HTML 9Page - Microchip Technology LAN8700 Datasheet HTML 10Page - Microchip Technology LAN8700 Datasheet HTML 11Page - Microchip Technology LAN8700 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 74 page
background image
LAN8700/LAN8700i
DS00002260A-page 8
2007-2016 Microchip Technology Inc.
3.0
PIN DESCRIPTION
This chapter describes the signals on each pin. When a lower case “n” is used at the beginning of the signal name, it
indicates that the signal is active low. For example, nRST indicates that the reset signal is active low.
3.1
I/O Signals
The following buffer types are shown in the TYPE column of the tables in this chapter.
• I
Input. Digital LVCMOS levels.
• IPD
Input with internal pull-down. Digital LVCMOS levels.
• O
Output. Digital LVCMOS levels.
• OPD
Output with internal pull-down. Digital LVCMOS levels.
• I/O
Input or Output. Digital LVCMOS levels.
• IOPD
Input or Output with internal pull-down. Digital LVCMOS levels.
• IOPU
Input or Output with internal pull-up. Digital LVCMOS levels.
• AI
Input. Analog levels.
• AO
Output. Analog levels.
Note:
The digital signals are not 5V tolerant.They are variable voltage from +1.6V to +3.6V.
TABLE 3-1:
MII SIGNALS
Signal Name
Type
Description
TXD0
I
Transmit Data 0: Bit 0 of the 4 data bits that are accepted by the
PHY for transmission.
TXD1
I
Transmit Data 1: Bit 1 of the 4 data bits that are accepted by the
PHY for transmission.
TXD2
I
Transmit Data 2: Bit 2 of the 4 data bits that are accepted by the
PHY for transmission
Note:
This signal should be grounded in RMII Mode.
TXD3
I
Transmit Data 3: Bit 3 of the 4 data bits that are accepted by the
PHY for transmission.
Note:
This signal should be grounded in RMII Mode
nINT/
TX_ER/
TXD4
IOPU
MII Transmit Error: When driven high, the 4B/5B encode process
substitutes the Transmit Error code-group (/H/) for the encoded
data word. This input is ignored in 10Base-T operation.
MII Transmit Data 4: In Symbol Interface (5B Decoding) mode,
this signal becomes the MII Transmit Data 4 line, the MSB of the
5-bit symbol code-group.
• This signal is not used in RMII Mode.
• This signal is mux’d with nINT
• See Section 4.10, "nINT/TX_ER/TXD4 Strapping," on page 24
for additional information on configuration/strapping options.
TX_EN
IPD
Transmit Enable: Indicates that valid data is presented on the
TXD[3:0] signals, for transmission. In RMII Mode, only TXD[1:0]
have valid data.
TX_CLK
O
Transmit Clock: 25MHz in 100Base-TX mode. 2.5MHz in
10Base-T mode.
• This signal is not used in RMII Mode.
• For proper TXCLK operation, RX_ER and RX_DV must NOT
be driven high externally on a hardware reset or on a
LAN8700 power up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com